Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE7074 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE7074
Description  Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE7074 Datasheet(HTML) 2 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Test Conditions:
Condition 1: VB = 45V, VIN (DC) 1 = 17V, VIN (DC) 2 = 9V, Ripple = 1.5mVp–p
IO1 = 0.5A, IO2 = 0.5A, IO3 = 0.5A
Condition 2: VB = 45V ±6V VIN (DC) 1 = 17V, VIN (DC) 2 = 9V,
IO1 = 0.5A, IO2 = 0.5A, IO3 = 0.5A
Condition 3: VB = 45V, VIN (DC) 1 = 13.7V to 21V, VIN (DC) 2 = 6.6V to 12V,
IO1 = 0.5A, IO2 = 0.5A, IO3 = 0.5A
Condition 4: VB = 45V, VIN (DC) 1 = 17V, VIN (DC) 2 = 9V, IO1 = 0.1A to 1A,
IO2 = 0.1A to 1A, IO3 = 0.1A to 1A
Condition 5: VB = 45V, IO1 = IO2 = IO3 = 0.5A
VIN (DC) 1
VB
VO 1 (12.3V @ 1A)
VIN (DC) 2
VO 3 (5.3V @ 1A)
VO 2 (12.2V @ 1A)
Cutoff Switch
VIN (DC) 1
Pin Connection Diagram
(Front View)
GND
8
7
6
5
4
3
2
1
GND
10
9
1.750 (44.45)
1.440 (36.57)
.900 (22.86)
.335 (8.5)
110
.100 (2.54)
.512
(13.0)
.945
(24.0)
1.020
(25.9)


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn