Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T50RIA60 Datasheet(PDF) 6 Page - International Rectifier

Part # T50RIA60
Description  MEDIUM POWER PHASE CONTROL THYRISTORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

T50RIA60 Datasheet(HTML) 6 Page - International Rectifier

Back Button T50RIA60 Datasheet HTML 2Page - International Rectifier T50RIA60 Datasheet HTML 3Page - International Rectifier T50RIA60 Datasheet HTML 4Page - International Rectifier T50RIA60 Datasheet HTML 5Page - International Rectifier T50RIA60 Datasheet HTML 6Page - International Rectifier T50RIA60 Datasheet HTML 7Page - International Rectifier T50RIA60 Datasheet HTML 8Page - International Rectifier T50RIA60 Datasheet HTML 9Page - International Rectifier T50RIA60 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
T..RIA Series
6
Bulletin I27105 rev. B 02/02
www.irf.com
Fig. 9 - Gate Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
500
600
700
800
900
1000
1100
1200
110
100
Number Of E qual Amplitude H alf Cycle Current P uls es (N)
T50R I A.. S eries
Initial T
= 125 C
@ 60 H z 0.0083 s
@ 50 H z 0.0100 s
At Any R ated L oad Condition And W ith
R ated V
Applied F ollowing S urge.
RRM
J
500
600
700
800
900
1000
1100
1200
1300
0.01
0.1
1
Puls e T rain Duration (s )
Maximum Non R epetitive S urge Current
Vers us P uls e T rain Duration. Control
Of Conduction May Not B e Maintained.
Initial T = 125 C
No Voltage R eapplied
R ated V
R eapplied
RR M
J
T 50R IA.. S eries
Fig. 10 - On-state Voltage Drop Characteristics
1
10
100
1000
0.5
1
1.5
2
2.5
3
3.5
4
4.5
T = 25 C
J
Ins tantaneous On-s tate Voltage (V)
T 50R IA.. S eries
T = 125 C
J
0.1
1
10
100
0.00 1
0.0 1
0.1
1
10
100
1000
VGD
IGD
(b)
(a)
(1) (2)
Ins tantaneous Gate Current (A)
a) R ecommended load line for
b) R ecommended load line for
R ectangular gate puls e
(1) P GM = 10W, tp = 5 ms
(2) P GM = 20W, tp = 2 ms
(3) P GM = 50W, tp = 1 ms
(4) P GM = 100W, tp = 500 s
<=30% rated di/dt : 20V, 65ohms
tr=1 s , tp>=6 s
T 50 R IA.. S eries
F requency L imited by P G(AV)
r ated di/dt : 20V, 30ohms ;
tr=0.5 s , tp>=6 s
(3) (4)


Similar Part No. - T50RIA60

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T50RIA60 VISHAY-T50RIA60 Datasheet
244Kb / 12P
   Medium Power Phase Control Thyristors (Power Modules), 50 A/70 A/90 A
Revision: 03-Jun-08
T50RIA60 VISHAY-T50RIA60 Datasheet
264Kb / 14P
   Medium Power Phase Control Thyristors
Revision: 03-Jun-08
More results

Similar Description - T50RIA60

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-10RIA VISHAY-VS-10RIA Datasheet
184Kb / 8P
   Medium Power Phase Control Thyristors
Revision: 19-Nov-15
VS-22RIA10 VISHAY-VS-22RIA10 Datasheet
198Kb / 9P
   Medium Power Phase Control Thyristors
Revision: 11-Mar-14
VS-25RIA10 VISHAY-VS-25RIA10 Datasheet
199Kb / 9P
   Medium Power Phase Control Thyristors
Revision: 11-Mar-14
VS-16RIA10 VISHAY-VS-16RIA10 Datasheet
197Kb / 9P
   Medium Power Phase Control Thyristors
Revision: 11-Mar-14
VS-10RIA04 VISHAY-VS-10RIA04 Datasheet
196Kb / 9P
   Medium Power Phase Control Thyristors
Revision: 11-Mar-14
VS-25RIA VISHAY-VS-25RIA Datasheet
197Kb / 8P
   Medium Power Phase Control Thyristors
Revision: 11-Mar-14
VS-16RIA VISHAY-VS-16RIA Datasheet
187Kb / 8P
   Medium Power Phase Control Thyristors
Revision: 19-Nov-15
logo
New Jersey Semi-Conduct...
16RIA NJSEMI-16RIA Datasheet
267Kb / 4P
   Medium Power Phase Control Thyristors
logo
Vishay Siliconix
T50RIA10 VISHAY-T50RIA10_15 Datasheet
264Kb / 14P
   Medium Power Phase Control Thyristors
Revision: 03-Jun-08
VS-22RIA VISHAY-VS-22RIA Datasheet
186Kb / 8P
   Medium Power Phase Control Thyristors
Revision: 19-Nov-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com