Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUY50N03-10CP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SUY50N03-10CP
Description  N-Channel 30-V (D-S), 175C, MOSFET PWM Optimized
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUY50N03-10CP Datasheet(HTML) 1 Page - Vishay Siliconix

  SUY50N03-10CP Datasheet HTML 1Page - Vishay Siliconix SUY50N03-10CP Datasheet HTML 2Page - Vishay Siliconix SUY50N03-10CP Datasheet HTML 3Page - Vishay Siliconix SUY50N03-10CP Datasheet HTML 4Page - Vishay Siliconix SUY50N03-10CP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
D TrenchFETr Power MOSFETS
D PWM Optimized for High Efficiency
APPLICATIONS
D Buck Converter
– High Side
– Low Side
D Synchronous Rectifier
– Secondary Rectifier
SUY50N03-10CP
Vishay Siliconix
New Product
Document Number: 71700
S-05396—Rev. A, 21-Jan-02
www.vishay.com
1
N-Channel 30-V (D-S), 175
_C, MOSFET PWM Optimized
PRODUCT SUMMARY
V(BR)DSS (V)
rDS(on) (W)
ID (A)a
0.010 @ VGS = 10 V
15
30
0.012 @ VGS = 4.5 V
18
D
G
S
N-Channel MOSFET
Order Number:
SUY50N03-10CP
TO-251
S
GD
Top View
Notes:
1. Drain Connected to Tab
2. Leads Trimmed to 0.092”
" 0.003”
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
Gate-Source Voltage
VGS
"20
V
_
TA = 25_C
15
Continuous Drain Current (TJ = 175_C)a
TA = 100_C
ID
14
Pulsed Drain Current
IDM
100
A
Continuous Source Current (Diode Conduction)a
IS
20
TC = 25_C
71b
Maximum Power Dissipation
TA = 25_C
PD
8.3a
W
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 175
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
t
v 10 sec
15
18
Maximum Junction-to-Ambienta
Steady State
RthJA
40
50
_C/W
Maximum Junction-to-Case
Steady State
RthJC
1.75
2.1
Notes:
a
Surface mounted on 1” x 1” FR4 Board, t
v 10 sec.
b
See SOA curve for voltage derating.


Similar Part No. - SUY50N03-10CP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUY50N03-07AP VISHAY-SUY50N03-07AP Datasheet
47Kb / 4P
   N-Channel 30-V D-S 175C MOSFET
Rev. B, 19-Nov-01
More results

Similar Description - SUY50N03-10CP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUP70N03-09BP VISHAY-SUP70N03-09BP Datasheet
48Kb / 5P
   N-Channel 30-V (D-S), 175C, MOSFET PWM Optimized
Rev. B, 11-Mar-02
SUU50N03-10P VISHAY-SUU50N03-10P Datasheet
67Kb / 4P
   N-Channel 30-V 175C MOSFET PWM Optimized
Rev. A, 14-Aug-00
SUD50N03-07AP VISHAY-SUD50N03-07AP Datasheet
51Kb / 4P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. C, 16-Jun-03
SUM85N03-06P VISHAY-SUM85N03-06P Datasheet
89Kb / 6P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. B, 08-Dec-03
SUP75N03-04 VISHAY-SUP75N03-04 Datasheet
41Kb / 4P
   N-Channel 30-V (D-S), 175C MOSFET
Rev. E, 18-Jun-01
SUP75N03-07 VISHAY-SUP75N03-07 Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. D, 27-Mar-00
SUP45N03-13L VISHAY-SUP45N03-13L Datasheet
42Kb / 4P
   N-Channel 30-V (D-S), 175C MOSFET
Rev. F, 29-Oct-01
SUM40N03-30L VISHAY-SUM40N03-30L Datasheet
62Kb / 5P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. A, 24-Jan-05
SUD70N03-04P VISHAY-SUD70N03-04P Datasheet
59Kb / 4P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. B, 03-May-04
SUM85N03-07P VISHAY-SUM85N03-07P Datasheet
47Kb / 5P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. A, 19-May-03
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com