Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SUM110N04-03 Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. SUM110N04-03
Description  N-Channel 40-V (D-S) 200C MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SUM110N04-03 Datasheet(HTML) 1 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
D TrenchFETr Power MOSFET
D 200_C Junction Temperature
D New Package with Low Thermal Resistance
APPLICATIONS
D Automotive
- ABS
- 12-V EPS
- Motor Drives
SUM110N04-03
Vishay Siliconix
Document Number: 71745
S-31061—Rev. C, 26-May-03
www.vishay.com
1
N-Channel 40-V (D-S) 200
_C MOSFET
PRODUCT SUMMARY
V(BR)DSS (V)
rDS(on) (W)
ID (A)
40
0.0028 @ VGS = 10 V
110 a
Ordering Information: SUM110N04-03-
D
G
S
N-Channel MOSFET
TO-263
S
D
G
Top View
ABSOLUTE MAXIMUM RATINGS (TC = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
40
Gate-Source Voltage
VGS
"20
V
Continuous Drain Current (TJ = 175_C)
TC = 25_C
ID
110a
Continuous Drain Current (TJ = 175_C)
TC = 125_C
ID
110a
A
Pulsed Drain Current
IDM
440
A
Avalanche Current
IAR
70
Repetitive Avalanche Energyb
L = 0.1 mH
EAR
211
mJ
Maximum Power Dissipationb
TC = 25_C
PD
437.5c
W
Maximum Power Dissipationb
TA = 25_C
PD
3.75
W
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 200
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Limit
Unit
Junction-to-Ambient
PCB Mountd
RthJA
40
_C/W
Junction-to-Case (Drain)
RthJC
0.4
_C/W
Notes
a.
Package limited.
b.
Duty cycle
v 1%.
c.
See SOA curve for voltage derating.
d.
When mounted on 1” square PCB (FR-4 material).


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn