Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP12NK80Z Datasheet(PDF) 14 Page - STMicroelectronics

Part # STP12NK80Z
Description  N-CHANNEL 800V - 0.65 OHM - 10.5A TO-220 / D2PAK / TO-247 Zener-Protected SuperMESH Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP12NK80Z Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STP12NK80Z Datasheet HTML 7Page - STMicroelectronics STP12NK80Z Datasheet HTML 8Page - STMicroelectronics STP12NK80Z Datasheet HTML 9Page - STMicroelectronics STP12NK80Z Datasheet HTML 10Page - STMicroelectronics STP12NK80Z Datasheet HTML 11Page - STMicroelectronics STP12NK80Z Datasheet HTML 12Page - STMicroelectronics STP12NK80Z Datasheet HTML 13Page - STMicroelectronics STP12NK80Z Datasheet HTML 14Page - STMicroelectronics STP12NK80Z Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
6 Revision History
STB12NK80Z - STP12NK80Z - STW12NK80Z
14/15
6
Revision History
Date
Revision
Changes
02-Sep-2005
2
Inserted Ecopack indication


Similar Part No. - STP12NK80Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP12NK80Z STMICROELECTRONICS-STP12NK80Z Datasheet
522Kb / 16P
   N-channel 800V - 0.65廓 - 10.5A - TO-220 - D2PAK - TO-247 Zener - Protected SuperMESH??Power MOSFET
logo
New Jersey Semi-Conduct...
STP12NK80Z NJSEMI-STP12NK80Z Datasheet
151Kb / 3P
   N-CHANNEL 800V - 0.651} - 10.5A TO-220 / D2PAK / TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STP12NK80Z NJSEMI-STP12NK80Z Datasheet
151Kb / 3P
   N-CHANNEL 800V - 0.651} - 10.5A TO-220 / D2PAK / TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STP12NK80Z NJSEMI-STP12NK80Z Datasheet
151Kb / 3P
   N-CHANNEL 800V - 0.651} - 10.5A TO-220 / D2PAK / TO-247 Zener-Protected SuperMESH?줡ower MOSFET
logo
STMicroelectronics
STP12NK80Z STMICROELECTRONICS-STP12NK80Z Datasheet
695Kb / 22P
   N-channel 800 V, 0.65Ω typ., 10.5 A Zener-protected SuperMESH™ Power MOSFET in D2PAK, TO-220FP, TO-220 and TO-247
August 2012
More results

Similar Description - STP12NK80Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB12NK80Z STMICROELECTRONICS-STB12NK80Z_07 Datasheet
522Kb / 16P
   N-channel 800V - 0.65廓 - 10.5A - TO-220 - D2PAK - TO-247 Zener - Protected SuperMESH??Power MOSFET
logo
New Jersey Semi-Conduct...
STP12NK80Z NJSEMI-STP12NK80Z Datasheet
151Kb / 3P
   N-CHANNEL 800V - 0.651} - 10.5A TO-220 / D2PAK / TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STW12NK80Z NJSEMI-STW12NK80Z Datasheet
151Kb / 3P
   N-CHANNEL 800V - 0.651} - 10.5A TO-220 / D2PAK / TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STB12NK80Z NJSEMI-STB12NK80Z Datasheet
151Kb / 3P
   N-CHANNEL 800V - 0.651} - 10.5A TO-220 / D2PAK / TO-247 Zener-Protected SuperMESH?줡ower MOSFET
logo
STMicroelectronics
STW12NK80Z STMICROELECTRONICS-STW12NK80Z Datasheet
299Kb / 9P
   N-CHANNEL 800V - 0.65ohm - 10.5A TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STB10NK60Z STMICROELECTRONICS-STB10NK60Z_06 Datasheet
492Kb / 19P
   N-channel 600V - 0.65廓 - 10A - I2/D2PAK - TO-220/FP - TO-247 Zener-protected SuperMESH??Power MOSFET
STB10NK60Z STMICROELECTRONICS-STB10NK60Z_08 Datasheet
860Kb / 19P
   N-channel 650 V, 0.65 廓, 10 A, SuperMESH??Power MOSFET Zener-protected I2PAK, D2PAK, TO-220, TO-220FP, TO-247
STB12NK80Z-S STMICROELECTRONICS-STB12NK80Z-S Datasheet
212Kb / 9P
   N-CHANNEL 800V - 0.65ohm - 10.5A I2SPAK Zener-Protected SuperMESH Power MOSFET
STP8NK80Z STMICROELECTRONICS-STP8NK80Z_07 Datasheet
419Kb / 15P
   N-channel 800V - 1.3廓 - 6.2A - TO-220 /TO-220FP/TO-247 Zener-protected SuperMESH??Power MOSFET
STP10NK80Z STMICROELECTRONICS-STP10NK80Z Datasheet
458Kb / 11P
   N-CHANNEL 800V - 0.78ohm - 9A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com