Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE7069 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE7069
Description  Integrated Circuit 2 Modulus High Speed Divider w/ECL Output for Phase-Lock Loop (PLL) Synthesized TV Tuner
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE7069 Datasheet(HTML) 2 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics: (VCC = 5V ±10%, TA = –20° to +75°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Current
ICC
VCC = 5.5V, TA = +25°C
33
50
mA
Input Sensitivity
VIN
fIN = 80 to 1000MHz
–20
4
dBm
Output Amplitude
VO
VCC = 4.5V, fIN = 80 to 1000MHz
0.9
1.3
1.7
VP–P
High Level Input Voltage
When
VIH
M Terminal,
0.7VCC
V
Low Level Input Voltage
the
dividing
VIL
Note 2
0.3VCC
V
High Level Input Current
dividing
ratio is
IIH
VCC = –5V, VIH = 3.5V
50
µA
Low Level Input Current
1/136
IIL
VCC = –5V, VIL = 1.5V
–160
µA
Note 1. Typical values are at VCC = 5V, TA = +25°C.
Note 2. Input conditions of pulse swallow control input terminal M:
Dividing Ratio
Input Conditions
Description
1/136
0.7VCC
(VIN)
0.5VCC
(Vref)
0.3VCC
(VIL)
When the clocks are applied to M terminal as
shown in the left figure, the dividing raito
changes from 1/128 to 1/136
1/128
VIL = 0V, VIN = VCC or VIN = OPEN
M terminal is stable at GND or VCC, or opened
M (PSC)
T (REF)
VCC
Pin Connection Diagram
(Front View)
GND
GND
T (Input)
N.C.
Q (Output)
8
7
6
5
4
3
2
1
.768 (19.52) Max
.118 (3.0) Max
18
.700 (17.78)
.100 (2.54) Typ
.165 (4.2)
Min
.264 (6.72)
Max


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn