Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE7069 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE7069
Description  Integrated Circuit 2 Modulus High Speed Divider w/ECL Output for Phase-Lock Loop (PLL) Synthesized TV Tuner
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE7069 Datasheet(HTML) 1 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE7069
Integrated Circuit
2 Modulus High Speed Divider w/ECL Output
for Phase–Lock Loop (PLL) Synthesized TV Tuner
Description:
The NTE7069 is an integrated circuit consisting of a 1/128, 1/136 prescaler, high speed frequency
divider using an ECL (emitter–coupled logic) circuit configuration in an 8–Lead SIP type package.
When the clocks are applied to the pulse swallow control input terminal, M, the dividing ratio is 1/136,
and when M is stable (“H” or “L”), the ratio is 1/128. This device operates in the frequency range of
80MHz to 1000MHz. Typical applications for the NTE7069 include prescalers for PLL (Phase Lock
Loop) TV tuners and general use in consumer and industrial digital equipment.
Features:
D High–Speed Operation: fmax = 1GHz
D Operates at Low Input Amplitudes: –20dB Min
D ECL Level Output: 1.30VP–P Typ
Absolute Maximum Ratings: (TA = –20° to +75°C unless otherwise specified)
Supply Voltage, VCC
–0.3 to +7V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Voltage (T, T(REF)), VI
0 to VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (TA = +25°C), PD
1.15W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–20
° to +75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Recommended Operating Conditions: (TA = –20° to +75°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Voltage
VCC
4.5
5.0
6.6
V
Input Amplitude
VIN
fIN = 80 to 1000MHz
–20
4
dBm


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn