Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0603C152F5GACAUTO Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0603C152F5GACAUTO
Description  SMD Auto C0G, Ceramic, 1500 pF, 1%, 50 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 0603
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603C152F5GACAUTO Datasheet(HTML) 1 Page - Kemet Corporation

  C0603C152F5GACAUTO Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: C0603C152F5GACAUTO
SMD Auto C0G, Ceramic, 1500 pF, 1%, 50 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 0603
Dimensions
L
1.6mm +/-0.15mm
W
0.8mm +/-0.15mm
T
0.8mm +/-0.07mm
S
0.7mm MIN
B
0.35mm +/-0.15mm
Packaging Specifications
Packaging: T&R, 180mm, Paper Tape
Packaging Quantity: 4000
General Information
Supplier: KEMET
Series: SMD Auto C0G
Style: SMD Chip
Description: SMD, MLCC, Ultra-Stable, Low
Loss, Automotive Grade
Features: Ultra-Stable, Low Loss,
Automotive Grade
RoHS: Yes
Termination: Tin
Marking: No
Qualifications: AEC-Q200
AEC-Q200: Yes
Miscellaneous: Note: KEMET 50V rated parts
may be operated at 63 Volts
Chip Size: 0603
Specifications
Capacitance: 1500 pF
Capacitance Tolerance: 1%
Voltage DC: 50 VDC
Dielectric Withstanding
Voltage: 125 V
Temperature Range: -55/+125C
Temperature Coefficient: C0G
Dissipation Factor: 0.10% 1kHz 25C
Aging Rate: 0% Loss/Decade Hour
Insulation Resistance: 100 GOhms
© 2006 - 2018 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 7/05/2018 - 8a20e6a4-ab48-439d-a092-cdf07f204632


Similar Part No. - C0603C152F5GACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C152F5GACTU KEMET-C0603C152F5GACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 1500 pF, /-1% Tol, 50 V, C0G, 0603 (1608 metric)
More results

Similar Description - C0603C152F5GACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C152K5GACAUTO KEMET-C0603C152K5GACAUTO Datasheet
476Kb / 4P
   SMD Auto C0G, Ceramic, 1500 pF, 10%, 50 VDC, C0G, SMD, MLCC, Ultra- Stable, Low Loss, Automotive Grade, 0603
5/16/2023
C0603C332F5GACAUTO KEMET-C0603C332F5GACAUTO Datasheet
60Kb / 1P
   SMD Auto C0G, Ceramic, 3300 pF, 1%, 50 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 0603
C0603C471F5GACAUTO KEMET-C0603C471F5GACAUTO Datasheet
60Kb / 1P
   SMD Auto C0G, Ceramic, 470 pF, 1%, 50 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 0603
C0603C271F5GACAUTO KEMET-C0603C271F5GACAUTO Datasheet
60Kb / 1P
   SMD Auto C0G, Ceramic, 270 pF, 1%, 50 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 0603
C0603C102F5GACAUTO KEMET-C0603C102F5GACAUTO Datasheet
60Kb / 1P
   SMD Auto C0G, Ceramic, 1000 pF, 1%, 50 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 0603
C0603C821F5GACAUTO KEMET-C0603C821F5GACAUTO Datasheet
60Kb / 1P
   SMD Auto C0G, Ceramic, 820 pF, 1%, 50 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 0603
C0603C270F5GACAUTO KEMET-C0603C270F5GACAUTO Datasheet
60Kb / 1P
   SMD Auto C0G, Ceramic, 27 pF, 1%, 50 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 0603
C0603C121F5GACAUTO KEMET-C0603C121F5GACAUTO Datasheet
60Kb / 1P
   SMD Auto C0G, Ceramic, 120 pF, 1%, 50 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 0603
C0603C109C5GACAUTO KEMET-C0603C109C5GACAUTO Datasheet
60Kb / 1P
   SMD Auto C0G, Ceramic, 1 pF, /-0.25 pF, 50 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 0603
C0603C101F5GACAUTO KEMET-C0603C101F5GACAUTO Datasheet
60Kb / 1P
   SMD Auto C0G, Ceramic, 100 pF, 1%, 50 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 0603
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com