Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST5460 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SST5460
Description  P-Channel JFETs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SST5460 Datasheet(HTML) 5 Page - Vishay Siliconix

  SST5460 Datasheet HTML 1Page - Vishay Siliconix SST5460 Datasheet HTML 2Page - Vishay Siliconix SST5460 Datasheet HTML 3Page - Vishay Siliconix SST5460 Datasheet HTML 4Page - Vishay Siliconix SST5460 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2N/SST5460 Series
Vishay Siliconix
Document Number: 70262
S-04030—Rev. D, 04-Jun-01
www.vishay.com
9-5
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
–0.01
–0.1
–1
100
80
0
60
40
20
ID – Drain Current (mA)
Assume VDD = –15 V, VDS = –5 V
VGS(off) = 1.5 V
Circuit Voltage Gain vs. Drain Current
10
0
4
8
12
16
20
8
6
4
2
0
5
0
4
8
12
16
20
0
VGS – Gate-Source Voltage (V)
Common-Source Input Capacitance
vs. Gate-Source Voltage
–5 V
–15 V
f = 1 MHz
Common-Source Reverse Feedback Capacitance
vs. Gate-Source Voltage
VGS – Gate-Source Voltage (V)
–5 V
–15 V
f = 1 MHz
2.5
–0.1
–1
–10
10
1
0.1
Common-Source Forward Transconductance
vs. Drain Current
ID – Drain Current (mA)
TA = –55_C
125
_C
10
100
1 k
100 k
10 k
100
10
1
–0.1
–1
–10
20
16
0
12
8
4
Output Conductance vs. Drain Current
ID – Drain Current (mA)
TA = –55_C
125
_C
Equivalent Input Noise Voltage vs. Frequency
f – Frequency (Hz)
VDS = –15 V
ID = –0.1 mA
ID = –1 mA
25
_C
VDS = –15 V
f = 1 kHz
VGS(off) = 3 V
VDS = –15 V
f = 1 kHz
VGS(off) = 3 V
VGS(off) = 3 V
25
_C
A
V +
g
fs RL
1
) R
Lgos
R
L +
10 V
I
D


Similar Part No. - SST5460

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SST5460 VISHAY-SST5460 Datasheet
54Kb / 6P
   P-Channel JFETs
18-Jul-08
SST5460 VISHAY-SST5460_V01 Datasheet
54Kb / 6P
   P-Channel JFETs
18-Jul-08
More results

Similar Description - SST5460

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N5114JAN VISHAY-2N5114JAN Datasheet
28Kb / 3P
   P-Channel JFETs
Rev. E, 04-Jun-01
SST174-T1-E3 VISHAY-SST174-T1-E3 Datasheet
62Kb / 7P
   P-Channel JFETs
Rev. E, 04-Jun-01
SST270-T1-E3 VISHAY-SST270-T1-E3 Datasheet
51Kb / 5P
   P-Channel JFETs
Rev. D, 02-Jul-01
SST176-T1 VISHAY-SST176-T1 Datasheet
62Kb / 7P
   P-Channel JFETs
Rev. E, 04-Jun-01
J175-E3 VISHAY-J175-E3 Datasheet
62Kb / 7P
   P-Channel JFETs
Rev. E, 04-Jun-01
J270 VISHAY-J270 Datasheet
44Kb / 4P
   P-Channel JFETs
Rev. D, 02-Jul-01
logo
New Jersey Semi-Conduct...
2N3382 NJSEMI-2N3382 Datasheet
83Kb / 1P
   p-channel JFETs
logo
Vishay Siliconix
SST174 VISHAY-SST174 Datasheet
55Kb / 6P
   P-Channel JFETs
Rev. E, 04-Jun-01
logo
New Jersey Semi-Conduct...
2N5018 NJSEMI-2N5018 Datasheet
129Kb / 1P
   P-CHANNEL JFETS
logo
Vishay Siliconix
SST174-E3 VISHAY-SST174-E3 Datasheet
81Kb / 7P
   P-Channel JFETs
Rev. E, 04-Jun-01
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com