Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPT774BCJ Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # SPT774BCJ
Description  FAST, COMPLETE 12-BIT UP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPT774BCJ Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SPT774BCJ Datasheet HTML 4Page - List of Unclassifed Manufacturers SPT774BCJ Datasheet HTML 5Page - List of Unclassifed Manufacturers SPT774BCJ Datasheet HTML 6Page - List of Unclassifed Manufacturers SPT774BCJ Datasheet HTML 7Page - List of Unclassifed Manufacturers SPT774BCJ Datasheet HTML 8Page - List of Unclassifed Manufacturers SPT774BCJ Datasheet HTML 9Page - List of Unclassifed Manufacturers SPT774BCJ Datasheet HTML 10Page - List of Unclassifed Manufacturers SPT774BCJ Datasheet HTML 11Page - List of Unclassifed Manufacturers SPT774BCJ Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
SPT
10
8/1/00
SPT774
Figure 10 - Control Logic
Input Buffers
Read Control
EOC8
EOC12
Nibble B Zero
Override
Nibble A,B
Nibble C
CK
Q
D
Q
AO Latch
CE
R/C
A
CS
12/8
D
Q
CK
R
Delay
STS
H
PACKAGE OUTLINES
28-Lead PDIP
INCHES
MILLIMETERS
SYMBOL
MIN
MAX
MIN
MAX
A
0.250
6.35
B
0.115
0.200
2.92
5.08
C
0.014
0.022
0.36
0.56
D
0.100
2.54
E
0.030
0.070
0.76
1.78
F
0.008
0.015
0.20
0.38
G
0.125
0.195
3.18
4.95
H
0.600
0.625
15.24
15.88
I
0.485
0.580
12.32
14.73
J
1.380
1.565
35.05
39.75
K
0.005
0.040
0.13
1.02
A
B
C
D
E
1
28
J
K
F
G
H
I


Similar Part No. - SPT774BCJ

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT774 CADEKA-SPT774 Datasheet
519Kb / 12P
   FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
More results

Similar Description - SPT774BCJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT674 ETC1-SPT674 Datasheet
87Kb / 12P
   FAST, COMPLETE 12-BIT uP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
SPT574 ETC1-SPT574 Datasheet
117Kb / 12P
   FAST, COMPLETE 12-BIT uP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
logo
Cadeka Microcircuits LL...
SPT674 CADEKA-SPT674 Datasheet
422Kb / 11P
   FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
SPT574 CADEKA-SPT574 Datasheet
490Kb / 12P
   FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
SPT774 CADEKA-SPT774 Datasheet
519Kb / 12P
   FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
logo
List of Unclassifed Man...
ADC-HS12 ETC-ADC-HS12 Datasheet
251Kb / 4P
   12 BIT A/D CONVERTER WITH SAMPLE HOLD
logo
National Semiconductor ...
ADC1241 NSC-ADC1241 Datasheet
268Kb / 14P
   Self-Calibrating 12-Bit Plus Sign mP-Compatible A/D Converter with Sample-and-Hold
ADC1251 NSC-ADC1251 Datasheet
301Kb / 16P
   Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
logo
Texas Instruments
ADC12040 TI1-ADC12040 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC12040 NSC-ADC12040_06 Datasheet
884Kb / 19P
   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com