Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX810SQ293D3T1G Datasheet(PDF) 5 Page - ON Semiconductor

Part No. MAX810SQ293D3T1G
Description  Very Low Supply Current 3-Pin Microprocessor Reset Monitors
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MAX810SQ293D3T1G Datasheet(HTML) 5 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MAX809 Series, MAX810 Series
www.onsemi.com
5
ELECTRICAL CHARACTERISTICS (continued) TA = −40°C to +105°C unless otherwise noted. Typical values are at
TA = +25°C. (Note 7)
Characteristic
Symbol
Min
Typ
Max
Unit
Detector Voltage Threshold Temperature Coefficient
30
ppm/
°C
VCC to Reset Delay VCC = VTH to (VTH − 100 mV)
10
msec
Reset Active TimeOut Period (Note 8)
MAX8xxSN(Q)293D1
MAX8xxSN(Q)293D2
MAX8xxSN(Q)293D3
MAX8xxSN(Q)293
tRP
1.0
20
100
140
3.3
66
330
460
msec
RESET Output Voltage Low (No Load) (MAX809)
VCC = VTH − 0.2 V
1.6 V
v VTH v 2.0 V, ISINK = 0.5 mA
2.1 V
v VTH v 4.0 V, ISINK = 1.2 mA
4.1 V
v VTH v 4.9 V, ISINK = 3.2 mA
VOL
0.3
V
RESET Output Voltage High (No Load) (MAX809)
VCC = VTH + 0.2 V
1.6 V
v VTH v 2.4 V, ISOURCE = 200 mA
2.5 V
v VTH v 4.9 V, ISOURCE = 500 mA
VOH
0.8 VCC
V
RESET Output Voltage High (No Load) (MAX810)
VCC = VTH − 0.2 V
1.6 V
v VTH v 2.4 V, ISOURCE = 200 mA
2.5 V
v VTH v 4.9 V, ISOURCE = 500 mA
VOH
0.8 VCC
V
RESET Output Voltage Low (No Load) (MAX810)
VCC = VTH + 0.2 V
1.6 V
v VTH v 2.0 V, ISINK = 0.5 mA
2.1 V
v VTH v 4.0 V, ISINK = 1.2 mA
4.1 V
v VTH v 4.9 V, ISINK = 3.2 mA
VOL
0.3
V
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
7. Production testing done at TA = 25°C, over temperature limits guaranteed by design.
8. Contact your ON Semiconductor sales representative for timeout options availability for other threshold voltage options.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn