Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS2250 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCS2250
Description  Comparator, High Speed 50 ns, Low Voltage Rail-to-Rail
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2250 Datasheet(HTML) 2 Page - ON Semiconductor

  NCS2250 Datasheet HTML 1Page - ON Semiconductor NCS2250 Datasheet HTML 2Page - ON Semiconductor NCS2250 Datasheet HTML 3Page - ON Semiconductor NCS2250 Datasheet HTML 4Page - ON Semiconductor NCS2250 Datasheet HTML 5Page - ON Semiconductor NCS2250 Datasheet HTML 6Page - ON Semiconductor NCS2250 Datasheet HTML 7Page - ON Semiconductor NCS2250 Datasheet HTML 8Page - ON Semiconductor NCS2250 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
NCS2250, NCV2250, NCS2252, NCV2252
www.onsemi.com
2
Table 1. ORDERING INFORMATION
Automotive
Output
Device (Note 1)
Package
Marking
Shipping †
No
Push−Pull
NCS2250SQ2T2G
SC−88A (SC70−5)
5C
3000 / Tape & Reel
NCS2250SN2T1G
TSOP−5 (SOT23−5)
5A
3000 / Tape & Reel
Open Drain
NCS2252SQ2T2G
SC−88A (SC70−5)
5F
3000 / Tape & Reel
NCS2252SN2T1G
TSOP−5 (SOT23−5)
5D
3000 / Tape & Reel
Yes
Push−Pull
NCV2250SQ2T2G
SC−88A (SC70−5)
5C
3000 / Tape & Reel
NCV2250SN2T1G
TSOP−5 (SOT23−5)
5A
3000 / Tape & Reel
Open Drain
NCV2252SQ2T2G
SC−88A (SC70−5)
5F
3000 / Tape & Reel
NCV2252SN2T1G
TSOP−5 (SOT23−5)
5D
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification Brochure, BRD8011/D.
1. Contact local sales office for more information.
Table 2. PIN DESCRIPTION
Name
Type
Description
VDD
Power
Positive supply pin. Connect to positive rail. A bypass capacitor of at least 0.1
μF is
recommended as close as possible to the VDD pin
VSS
Power
Negative supply pin. Connect to ground or negative rail. If not connected to ground,
a bypass capacitor of at least 0.1
μF is recommended as close as possible to the VSS pin
OUT
Output
Output pin. NCS2250 has a complementary push−pull output stage. NCS2252 has an open
drain output stage which requires an external pull−up resistor
IN−
Input
Inverting input
IN+
Input
Non−inverting input


Similar Part No. - NCS2250

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2250 ONSEMI-NCS2250 Datasheet
418Kb / 13P
   Comparator, High Speed, 50 ns, Low Voltage, Rail-to-Rail
June, 2022 ??Rev. 6
NCS2250SN2T1G ONSEMI-NCS2250SN2T1G Datasheet
418Kb / 13P
   Comparator, High Speed, 50 ns, Low Voltage, Rail-to-Rail
June, 2022 ??Rev. 6
NCS2250SN2T3G ONSEMI-NCS2250SN2T3G Datasheet
2Mb / 28P
   Compact Intelligent Power Module (IPM) Motor Control Development Kit (MDK) 1 kW
March, 2021 ??Rev. 1
NCS2250SN2T3G ONSEMI-NCS2250SN2T3G Datasheet
2Mb / 26P
   Compact Intelligent Power Module Based Motor Evaluation Board with Interleaved Power Factor Correction
February, 2020 ??Rev. 2
NCS2250SQ2T2G ONSEMI-NCS2250SQ2T2G Datasheet
418Kb / 13P
   Comparator, High Speed, 50 ns, Low Voltage, Rail-to-Rail
June, 2022 ??Rev. 6
More results

Similar Description - NCS2250

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2250 ONSEMI-NCS2250_V01 Datasheet
418Kb / 13P
   Comparator, High Speed, 50 ns, Low Voltage, Rail-to-Rail
June, 2022 ??Rev. 6
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1 Datasheet
575Kb / 17P
[Old version datasheet]   4.5-ns RAIL-TO-RAIL HIGH-SPEED COMPARATOR
TLV3502-Q1 TI-TLV3502-Q1_15 Datasheet
957Kb / 23P
[Old version datasheet]   TLV3502-Q1, 4.5-ns Rail-to-Rail High-Speed Comparator
TLV3502-Q1 TI1-TLV3502-Q1_14 Datasheet
1,007Kb / 23P
[Old version datasheet]   Rail-to-Rail High-Speed Comparator
TLV3501A-Q1 TI1-TLV3501A-Q1 Datasheet
653Kb / 18P
[Old version datasheet]   4.5-ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
logo
STMicroelectronics
TS3011 STMICROELECTRONICS-TS3011 Datasheet
239Kb / 14P
   Rail-to-rail high-speed comparator
TS3021 STMICROELECTRONICS-TS3021 Datasheet
901Kb / 17P
   Rail-to-rail 1.8V high-speed comparator
TS3021_0710 STMICROELECTRONICS-TS3021_0710 Datasheet
901Kb / 16P
   Rail-to-rail 1.8V high-speed comparator
logo
Nisshinbo Micro Devices...
NJU7725X NISSHINBO-NJU7725X Datasheet
2Mb / 31P
   High-Speed, Rail-to-Rail Input, CMOS Comparator
June 30, 2022 Ver.0.3
logo
STMicroelectronics
TS3021 STMICROELECTRONICS-TS3021_V01 Datasheet
610Kb / 16P
   Rail-to-rail 1.8 V high-speed comparator
Rev 9 - October 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com