Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCS2250 Datasheet(PDF) 8 Page - ON Semiconductor

Part No. NCS2250
Description  Comparator, High Speed 50 ns, Low Voltage Rail-to-Rail
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2250 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCS2250 Datasheet HTML 4Page - ON Semiconductor NCS2250 Datasheet HTML 5Page - ON Semiconductor NCS2250 Datasheet HTML 6Page - ON Semiconductor NCS2250 Datasheet HTML 7Page - ON Semiconductor NCS2250 Datasheet HTML 8Page - ON Semiconductor NCS2250 Datasheet HTML 9Page - ON Semiconductor NCS2250 Datasheet HTML 10Page - ON Semiconductor NCS2250 Datasheet HTML 11Page - ON Semiconductor NCS2250 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
NCS2250, NCV2250, NCS2252, NCV2252
www.onsemi.com
8
GRAPHS (continued)
Typical performance at TA = 25°C, unless otherwise noted.
Figure 13. Output Voltage High (Relative to VDD)
vs. Output Current
Figure 14. Output Voltage Low (Relative to VSS)
vs. Output Current
0
0
1020
3040
50
Output Current (mA)
Vs = 5 V
Vs = 1.8 V
Figure 15. Output Current Capability vs. Temperature
Figure 16. Supply Current vs. Temperature
−60
−40
−20
0
20
40
60
80
−50
−25
0
25
50
75
100
125
Vs = 1.8 V
Vs = 5 V
Vs = 1.8 V
Vs = 5 V
SOURCING (NCS2250)
SINKING
100
110
120
130
140
150
160
170
180
−50
−25
0
25
50
75
100
125
Vs = 1.8 V
Vs = 5 V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
5
10
15
20
25
30
35
40
Output Current (mA)
Vs = 5 V
Vs = 1.8 V
Temperature (
°C)
Temperature (
°C)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
NCS2250


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn