Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCS2250 Datasheet(PDF) 6 Page - ON Semiconductor

Part No. NCS2250
Description  Comparator, High Speed 50 ns, Low Voltage Rail-to-Rail
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2250 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCS2250 Datasheet HTML 2Page - ON Semiconductor NCS2250 Datasheet HTML 3Page - ON Semiconductor NCS2250 Datasheet HTML 4Page - ON Semiconductor NCS2250 Datasheet HTML 5Page - ON Semiconductor NCS2250 Datasheet HTML 6Page - ON Semiconductor NCS2250 Datasheet HTML 7Page - ON Semiconductor NCS2250 Datasheet HTML 8Page - ON Semiconductor NCS2250 Datasheet HTML 9Page - ON Semiconductor NCS2250 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NCS2250, NCV2250, NCS2252, NCV2252
www.onsemi.com
6
GRAPHS
Typical performance at TA = 25°C, unless otherwise noted.
Figure 1. Transient Response at 5 V Supply
with Varying Input Overdrive Voltages
Figure 2. Transient Response at 5 V Supply
with Varying Input Overdrive Voltages
Figure 3. Transient Response at 1.8 V Supply
with Varying Input Overdrive Voltages
Figure 4. Transient Response at 1.8 V Supply
with Varying Input Overdrive Voltages
Figure 5. Output High−to−Low Propagation Delay
vs. Input Overdrive Voltage
Figure 6. Output Low−to−High Propagation Delay
vs. Input Overdrive Voltage
−5
−4
−3
−2
−1
0
1
2
3
4
5
−0.25
−0.2
−0.15
−0.1
−0.05
0
0.05
0.1
0.15
0.2
0.25
−25
0
25
50
75
100
125
150
175
200
Time (ns)
Input
20 mV
50 mV
100 mV
VS = 5 V
CL = 50 pF
INPUT
OUTPUT
−5
−4
−3
−2
−1
0
1
2
3
4
5
−25
0
25
50
75
100
125
150
175
200
Time (ns)
Input
20 mV
50 mV
100 mV
VS = 5 V
CL = 50 pF
INPUT
OUTPUT
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
−0.3
−0.2
−0.1
0
0.1
0.2
0.3
−25
0
25
50
75
100
125
150
175
200
Time (ns)
Input
20 mV
50 mV
100 mV
VS = 1.8 V
CL = 50 pF
INPUT
OUTPUT
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
−0.15
−0.1
−0.05
0
0.05
0.1
0.15
−25
0
25
50
75
100
125
150
175
200
Time (ns)
Input
20 mV
50 mV
100 mV
INPUT
OUTPUT
0
20
40
60
80
100
120
140
160
0
2040
6080
100
Input Overdrive Voltage (mV)
Vs = 1.8 V
Vs = 3 V
Vs = 5 V
Output low−to−high
CL = 50 pF
0
20
40
60
80
100
120
140
160
0
20406080
100
Input Overdrive Voltage (mV)
Vs = 1.8 V
Vs = 3 V
Vs = 5 V
Output high−to−low
CL = 50 pF
Vs = 1.8 V
Vs = 3 V
Vs = 5 V
Vs = 1.8 V
Vs = 3 V
Vs = 5 V
−0.25
−0.2
−0.15
−0.1
−0.05
0
0.05
0.1
0.15
0.2
0.25
NCS2250
VS = 1.8 V
CL = 50 pF
NCS2250


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn