Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI-8015JF Datasheet(PDF) 6 Page - Sanken electric

Part # SI-8015JF
Description  Full-Mold, Separate Excitation Switching Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8015JF Datasheet(HTML) 6 Page - Sanken electric

  SI-8015JF Datasheet HTML 1Page - Sanken electric SI-8015JF Datasheet HTML 2Page - Sanken electric SI-8015JF Datasheet HTML 3Page - Sanken electric SI-8015JF Datasheet HTML 4Page - Sanken electric SI-8015JF Datasheet HTML 5Page - Sanken electric SI-8015JF Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
sTypical characteristics (SI-8090JF)
Efficiency Characteristics
Output Voltage
Load Regulation
Overcurrent Protection Characteristics
Thermal Protection Characteristics
Temperature Characteristics
12
10
8
6
4
2
0
0
0.5
1.0
Output Current IO (A)
1.5
2.0
2.5
3.0
(Ta=25
°C)
VIN=40V
30V
21V
14V
50
75
100
125
150
175
200
10
8
6
4
2
0
Ambient Temperature Ta (
°C)
VIN=21V, IO=0A
TSD OFF
TSD ON
150
140
130
120
110
100
90
80
70
60
–40 –20
0
20
40
60
80
100 120 140
Ambient Temperature Ta (
°C)
Freq
9.10
9.08
9.06
9.04
9.02
9.00
8.98
8.96
8.94
8.92
VO
VIN=21V, IO=0.5A
η
100
90
80
70
60
50
40
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Output Current IO (A)
(Ta=25
°C)
VIN
=12V
40
V
21V
30V
12
10
8
6
4
2
0
02
6
10
14
18
48
12
Input Voltage VIN (V)
16
20
(Ta=25
°C)
0.5A
9.20
9.15
9.10
9.05
9.00
8.95
8.90
8.85
8.80
21V
12V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Output Current IO (A)
(Ta=25
°C)
VIN=40V
30V
qSI-8000JF Series


Similar Part No. - SI-8015JF

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8015JF SANKEN-SI-8015JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
More results

Similar Description - SI-8015JF

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8000E SANKEN-SI-8000E Datasheet
41Kb / 4P
   Full-Mold, Separate Excitation Switching Type
SI-8000S SANKEN-SI-8000S Datasheet
63Kb / 6P
   Full-Mold, Separate Excitation Switching Type
SI-8015JF SANKEN-SI-8015JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050JF SANKEN-SI-8050JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8090S SANKEN-SI-8090S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8000JF SANKEN-SI-8000JF_11 Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050S SANKEN-SI-8050S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8120JF SANKEN-SI-8120JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8120S SANKEN-SI-8120S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050E SANKEN-SI-8050E Datasheet
49Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com