Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE7063 Datasheet(PDF) 3 Page - NTE Electronics

Part # NTE7063
Description  Integrated Circuit CRT Display Synchronization Deflection Circuit
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE7063 Datasheet(HTML) 3 Page - NTE Electronics

  NTE7063 Datasheet HTML 1Page - NTE Electronics NTE7063 Datasheet HTML 2Page - NTE Electronics NTE7063 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C, V11, V22 = 12V unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
AFC Phase Compensation Center
Time
15.734kHz after F.P.B. input
9.9
11.5
µs
Increased/Reduced Voltage Charac-
teristic of AFC Phase Comparison
Center Time
V11 = 12V ±1V
–1.5
1.5
%/V
Temperature Characteristic of AFC
Phase Comparison Center Time
TA = –10° to +60°C
–0.2
0.2
%/
°C
Comparison Waveform Generating
Input Operation Voltage
V5
0.6
0.9
V
Pin14 Voltage at Hold–Down Opera-
tion Start
V14
0.5
0.8
V
Pin Connection Diagram
VCC (Vertical)
VCC (Horizontal)
Vertical GND
Horizontal OSC
X–Ray Protection Input
Sync Pulse Width
Horizontal GND
AFC Output
Vertical Trigger Input
Vertical Drive Output
Midpoint Voltage
Vertical OSC
Sawtooth Wave
1
2
3
4
Horizontal Trigger Input
Phase Adjust
N.C.
5
FBP Trigger Input
6
7
22
21
20
19
18
17
16
8
9
15
14
10
Discharge Resistor
11
13
12
Horizontal Drive Output
Time Constant
Time Constant
Generating Capacitor
Comparison Voltage
Generating Capacitor
Time Constant
Time Constant
Control Input
Vertical Sawtooth
Wave Generation
Horizontal Drive
Pulse Width Setting
.177
(4.5)
.756 (19.2)
.252 (6.4)
.300 (7.62)
.135 (3.43)
.070 (1.78)
111
22
12


Similar Part No. - NTE7063

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7060 NTE-NTE7060 Datasheet
26Kb / 3P
   Integrated Circuit NTSC Single Chip Color TV Signal Processor
NTE7061 NTE-NTE7061 Datasheet
23Kb / 2P
   Integrated Circuit Dual 5.3W Audio Power Amplifier Circuit
NTE7062 NTE-NTE7062 Datasheet
23Kb / 3P
   Integrated Circuit CRT Display Synchronization Deflection Circuit
NTE7064 NTE-NTE7064 Datasheet
75Kb / 3P
   Integrated Circuit Bridge Driver for DC Motor Control
NTE7067 NTE-NTE7067 Datasheet
19Kb / 2P
   Integrated Circuit Audio IF Detector for High Quality Multi-Channel TV & VCR
More results

Similar Description - NTE7063

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7062 NTE-NTE7062 Datasheet
23Kb / 3P
   Integrated Circuit CRT Display Synchronization Deflection Circuit
logo
Sanyo Semicon Device
LA7852 SANYO-LA7852 Datasheet
82Kb / 5P
   CRT Display Synchronization Deflection Circuit
LA7850 SANYO-LA7850 Datasheet
127Kb / 5P
   CRT Display Synchronization Deflection Circuit????
LA7853 SANYO-LA7853 Datasheet
101Kb / 4P
   CRT Display Synchronization Deflection Circuit
LA7851 SANYO-LA7851 Datasheet
109Kb / 4P
   CRT Display Synchronization Deflection Circuit????
LA7824 SANYO-LA7824 Datasheet
130Kb / 3P
   Color CRT Display Synchronization, Deflection Circuit???
LA7823 SANYO-LA7823 Datasheet
130Kb / 3P
   Color CRT Display Synchronization, Deflection Circuit?
logo
NTE Electronics
NTE7086 NTE-NTE7086 Datasheet
24Kb / 3P
   Integrated Circuit Sync Deflection Circuit for CRT Display
NTE7039 NTE-NTE7039 Datasheet
24Kb / 3P
   Integrated Circuit Vertical Deflection Output Circuit w/Drive Circuit for CRT Display
logo
Sanyo Semicon Device
LA7811 SANYO-LA7811 Datasheet
336Kb / 7P
   COLOR TV SYNCHRONIZATION DEFLECTION CIRCUIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com