Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC2202AT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RC2202AT
Description  ZigBee Ready RF Transceiver Modules
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RC2202AT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RC2202AT Datasheet HTML 1Page - List of Unclassifed Manufacturers RC2202AT Datasheet HTML 2Page - List of Unclassifed Manufacturers RC2202AT Datasheet HTML 3Page - List of Unclassifed Manufacturers RC2202AT Datasheet HTML 4Page - List of Unclassifed Manufacturers RC2202AT Datasheet HTML 5Page - List of Unclassifed Manufacturers RC2202AT Datasheet HTML 6Page - List of Unclassifed Manufacturers RC2202AT Datasheet HTML 7Page - List of Unclassifed Manufacturers RC2202AT Datasheet HTML 8Page - List of Unclassifed Manufacturers RC2202AT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
RC220x
©2005 Radiocrafts AS
RC220x Data Sheet (rev. 1.0)
Page 1 of 17
ZigBee™- Ready RF Transceiver Modules
Product Description
The RC2200/2202/2204 RF Transceiver Modules are a series of compact surface-mounted
modules specially designed for the ZigBee™ protocol stack for wireless star and mesh
networks based on IEEE 802.15.4 compliant PHY and MAC layers providing 16 channels in
the 2.45 GHz world-wide license-free ISM band. The complete shielded module is only 16.5 x
29.2 x 3.5 mm, optionally available with integrated antenna or RF connector. Up to 128 kB
flash memory, 32 digital and analogue I/Os including an 8 channel 10 bit ADC, UART and SPI
interfaces. The powerful internal resources make it possible to embed the complete
application in this tiny module.
Applications
Home control and industrial automation
Building automation
OEM equipment
Fleet and inventory management
Features
ZigBee-ready / IEEE 802.15.4 compliant PHY and MAC
Memory space for Full Function Device (FFD)
16.5 x 29.2 x 3.5 mm compact shielded module for SMD mounting
Up to 128 kB Flash memory, 4 kB SRAM, 4 kB EEPROM
32 digital and analogue I/Os, 8 channel 10 bit ADC
UART, SPI and JTAG interfaces
On-board 32.768 kHz real time clock (RTC)
High performance direct sequence spread spectrum (DSSS) RF transceiver
16 channels in the 2.45 GHz ISM band
Integrated antenna or MMCX RF connector options
2.7 – 3.6 V supply voltage
MCU and on-board RTC support ultra low power modes
Conforms with EN 300 440 (Europe), FCC CFR 47 part 15 (US), ARIB STD-T66 (Japan)
Quick Reference Data
Parameter
RC2200
RC2202
RC2204
Unit
Frequency band
2.400-2.4835
GHz
Number of channels
16
Data rate
250
kbit/s
Max output power
0
dBm
2nd harmonic
-37
dBm
3rd harmonic
-51
dBm
Sensitivity (PER 1%)
-94
dBm
Adjacent Channel Rejection
39
dB
Alternate Channel Rejection
55
dB
Supply voltage
2.7 – 3.6
Volt
Current consumption, RX
30
26
30
mA
Current consumption, TX
27
23
27
mA
Current consumption, PD
1.3
uA
Flash memory
128
32
64
kB
RAM
4
2
4
kB
EEPROM
4
1
2
kB
Operating Temperature
-30 to +85
°C
PRELIMINARY INFORMATION. Specifications and information herein are subject to change without notice.


Similar Part No. - RC2202AT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC2203 ETC2-RC2203 Datasheet
402Kb / 1P
   Nylon-Insulated Fork Terminals
RC2204 ETC2-RC2204 Datasheet
402Kb / 1P
   Nylon-Insulated Fork Terminals
logo
Raytheon Company
RC2207 RAYTHEON-RC2207 Datasheet
74Kb / 12P
   Voltage Controlled Oscillator
RC2207M RAYTHEON-RC2207M Datasheet
74Kb / 12P
   Voltage Controlled Oscillator
RC2207N RAYTHEON-RC2207N Datasheet
74Kb / 12P
   Voltage Controlled Oscillator
More results

Similar Description - RC2202AT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2420ZRTC TI1-CC2420ZRTC Datasheet
1Mb / 96P
[Old version datasheet]   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
CC2420RTCR TI1-CC2420RTCR Datasheet
1Mb / 94P
[Old version datasheet]   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
logo
List of Unclassifed Man...
CC2420 ETC1-CC2420 Datasheet
1Mb / 87P
   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
logo
Texas Instruments
CC2420 TI-CC2420 Datasheet
1Mb / 92P
[Old version datasheet]   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
logo
HOPE Microelectronics C...
HPZB01 HOPE-HPZB01 Datasheet
1Mb / 14P
   ZigBee RF Transceiver Module
logo
List of Unclassifed Man...
HPZB01 ETC2-HPZB01 Datasheet
1Mb / 14P
   ZigBee RF Transceiver Module
logo
California Eastern Labs
ZICM2410P0-KIT2-1 CEL-ZICM2410P0-KIT2-1 Datasheet
1Mb / 16P
   Integrated Transceiver Modules for ZigBee/IEEE 802.15.4
logo
List of Unclassifed Man...
EM2420 ETC-EM2420 Datasheet
1Mb / 89P
   2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver
logo
Laird Tech Smart Techno...
450-0035 LSTD-450-0035 Datasheet
1Mb / 33P
   Integrated Transceiver Modules for ZigBee / 802.15.4 (2.4 GHz)
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com