Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC2202AT Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # RC2202AT
Description  ZigBee Ready RF Transceiver Modules
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RC2202AT Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button RC2202AT Datasheet HTML 5Page - List of Unclassifed Manufacturers RC2202AT Datasheet HTML 6Page - List of Unclassifed Manufacturers RC2202AT Datasheet HTML 7Page - List of Unclassifed Manufacturers RC2202AT Datasheet HTML 8Page - List of Unclassifed Manufacturers RC2202AT Datasheet HTML 9Page - List of Unclassifed Manufacturers RC2202AT Datasheet HTML 10Page - List of Unclassifed Manufacturers RC2202AT Datasheet HTML 11Page - List of Unclassifed Manufacturers RC2202AT Datasheet HTML 12Page - List of Unclassifed Manufacturers RC2202AT Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
RC220x
©2005 Radiocrafts AS
RC220x Data Sheet (rev. 1.0)
Page 9 of 17
Power Management
The ZigBee protocol allows End Devices to be powered down, while Routers must be
powered all the time in order to handle packet routing. Battery operated devices should be
End Devices in order to reduce the power consumption to a minimum.
The module can be set in several sleep modes using the features of the MCU and turning off
the RF transceiver. Sleep modes enable the application to shut down unused modules in the
MCU, thereby saving power. The MCU provides various sleep modes allowing the user to
tailor the power consumption to the application’s requirements. To enter any of the six sleep
modes available in the ATmega128L/64L/325, the SE bit in MCUCR must be written to logic
one and a SLEEP instruction must be executed. The SM2, SM1, and SM0 bits in the MCUCR
Register select which sleep mode (Idle, ADC Noise Reduction, Power-down, Power-save,
Standby, or Extended Standby) will be activated by the SLEEP instruction. For further
information on using the various sleep modes, please refer to the respective MCU data
sheets.
In applications like switch remote controls, the switch buttons should be connected to one of
the interrupt pins. PIR sensors (for occupancy detection) and light sensors should also be
using pin interrupts to awake the device from power down mode (PD). During PD the pin
interrupts are still active.
Temperature sensors, humidity sensors and similar could be polled at regular intervals using
the 32 kHz low frequency oscillator timer to awake the device. In this case using the Idle
mode with 32 kHz oscillator is recommended. This mode is not available for RC2202.
In order to ensure that the internal Power On Reset (POR) operates correctly, the maximum
rise-time specification for VCC must be met (see Electrical Specifications). If longer rise-time
is expected it is recommended to use an external POR circuit attached to the RESET pin (see
Application Note AN001). Slow VCC rise-time or short power interruptions may cause
improper operation that is not handled by the internal POR. In this case the RESET should
be activated in order to ensure proper start-up.


Similar Part No. - RC2202AT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC2203 ETC2-RC2203 Datasheet
402Kb / 1P
   Nylon-Insulated Fork Terminals
RC2204 ETC2-RC2204 Datasheet
402Kb / 1P
   Nylon-Insulated Fork Terminals
logo
Raytheon Company
RC2207 RAYTHEON-RC2207 Datasheet
74Kb / 12P
   Voltage Controlled Oscillator
RC2207M RAYTHEON-RC2207M Datasheet
74Kb / 12P
   Voltage Controlled Oscillator
RC2207N RAYTHEON-RC2207N Datasheet
74Kb / 12P
   Voltage Controlled Oscillator
More results

Similar Description - RC2202AT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2420ZRTC TI1-CC2420ZRTC Datasheet
1Mb / 96P
[Old version datasheet]   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
CC2420RTCR TI1-CC2420RTCR Datasheet
1Mb / 94P
[Old version datasheet]   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
logo
List of Unclassifed Man...
CC2420 ETC1-CC2420 Datasheet
1Mb / 87P
   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
logo
Texas Instruments
CC2420 TI-CC2420 Datasheet
1Mb / 92P
[Old version datasheet]   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
logo
HOPE Microelectronics C...
HPZB01 HOPE-HPZB01 Datasheet
1Mb / 14P
   ZigBee RF Transceiver Module
logo
List of Unclassifed Man...
HPZB01 ETC2-HPZB01 Datasheet
1Mb / 14P
   ZigBee RF Transceiver Module
logo
California Eastern Labs
ZICM2410P0-KIT2-1 CEL-ZICM2410P0-KIT2-1 Datasheet
1Mb / 16P
   Integrated Transceiver Modules for ZigBee/IEEE 802.15.4
logo
List of Unclassifed Man...
EM2420 ETC-EM2420 Datasheet
1Mb / 89P
   2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver
logo
Laird Tech Smart Techno...
450-0035 LSTD-450-0035 Datasheet
1Mb / 33P
   Integrated Transceiver Modules for ZigBee / 802.15.4 (2.4 GHz)
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com