Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC2200AT Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # RC2200AT
Description  ZigBee Ready RF Transceiver Modules
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RC2200AT Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button RC2200AT Datasheet HTML 4Page - List of Unclassifed Manufacturers RC2200AT Datasheet HTML 5Page - List of Unclassifed Manufacturers RC2200AT Datasheet HTML 6Page - List of Unclassifed Manufacturers RC2200AT Datasheet HTML 7Page - List of Unclassifed Manufacturers RC2200AT Datasheet HTML 8Page - List of Unclassifed Manufacturers RC2200AT Datasheet HTML 9Page - List of Unclassifed Manufacturers RC2200AT Datasheet HTML 10Page - List of Unclassifed Manufacturers RC2200AT Datasheet HTML 11Page - List of Unclassifed Manufacturers RC2200AT Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
RC220x
©2005 Radiocrafts AS
RC220x Data Sheet (rev. 1.0)
Page 8 of 17
JTAG Interface
The module offers a JTAG interface for Flash and EEPROM programming, as well as for
debugging.
Programming through the JTAG interface requires control of the four JTAG specific pins:
TCK, TMS, TDI, and TDO. Control of the reset and clock pins is not normally required. To be
able to use the JTAG interface, the JTAGEN Fuse must be programmed. The device is
default shipped with the fuse programmed. For further information, please refer to the
respective MCU data sheet.
The table below show the JTAG pin mapping.
Signal
RC2200
RC2202
RC2204
TDI
12
12
12
TDO
13
13
13
TMS
14
14
14
TCK
15
15
15
RESET
44
44
44
Supply and ground must also be connected during programming.
ISP Interface
The module offers an In-System Programming (ISP) interface for Flash and EEPROM
memory programming. The fastest way to do firmware downloading in manufacturing is
through the ISP interface rather then the JTAG interface.
The memory arrays can be programmed using the serial interface bus while RESET is pulled
to GND. The serial interface consists of pins SCK, PDI/MOSI (input) and PDO/MISO (output).
The RC2200 and RC2204 use the PDI and PDO pins (shared with UART0), while RC2202
use MOSI and MISO (shared with SPI interface), see table below.
After RESET is set low, the Programming Enable instruction needs to be executed first before
program/erase operations can be executed. More information is available in the respective
MCU data sheets.
The table below show the pin mapping for ISP programming.
Signal
RC2200
RC2202
RC2204
PDI
21
37
21
PDO
22
38
22
SCL
36
36
36
RESET
44
44
44
Supply and ground must also be connected during programming.


Similar Part No. - RC2200AT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC2203 ETC2-RC2203 Datasheet
402Kb / 1P
   Nylon-Insulated Fork Terminals
RC2204 ETC2-RC2204 Datasheet
402Kb / 1P
   Nylon-Insulated Fork Terminals
logo
Raytheon Company
RC2207 RAYTHEON-RC2207 Datasheet
74Kb / 12P
   Voltage Controlled Oscillator
RC2207M RAYTHEON-RC2207M Datasheet
74Kb / 12P
   Voltage Controlled Oscillator
RC2207N RAYTHEON-RC2207N Datasheet
74Kb / 12P
   Voltage Controlled Oscillator
More results

Similar Description - RC2200AT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2420ZRTC TI1-CC2420ZRTC Datasheet
1Mb / 96P
[Old version datasheet]   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
CC2420RTCR TI1-CC2420RTCR Datasheet
1Mb / 94P
[Old version datasheet]   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
logo
List of Unclassifed Man...
CC2420 ETC1-CC2420 Datasheet
1Mb / 87P
   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
logo
Texas Instruments
CC2420 TI-CC2420 Datasheet
1Mb / 92P
[Old version datasheet]   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
logo
HOPE Microelectronics C...
HPZB01 HOPE-HPZB01 Datasheet
1Mb / 14P
   ZigBee RF Transceiver Module
logo
List of Unclassifed Man...
HPZB01 ETC2-HPZB01 Datasheet
1Mb / 14P
   ZigBee RF Transceiver Module
logo
California Eastern Labs
ZICM2410P0-KIT2-1 CEL-ZICM2410P0-KIT2-1 Datasheet
1Mb / 16P
   Integrated Transceiver Modules for ZigBee/IEEE 802.15.4
logo
List of Unclassifed Man...
EM2420 ETC-EM2420 Datasheet
1Mb / 89P
   2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver
logo
Laird Tech Smart Techno...
450-0035 LSTD-450-0035 Datasheet
1Mb / 33P
   Integrated Transceiver Modules for ZigBee / 802.15.4 (2.4 GHz)
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com