Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC7410MGSU500N Datasheet(PDF) 10 Page - ATMEL Corporation

Part # PC7410MGSU500N
Description  PowerPC 7410 RISC Microprocessor Product Specification
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7410MGSU500N Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button PC7410MGSU500N Datasheet HTML 6Page - ATMEL Corporation PC7410MGSU500N Datasheet HTML 7Page - ATMEL Corporation PC7410MGSU500N Datasheet HTML 8Page - ATMEL Corporation PC7410MGSU500N Datasheet HTML 9Page - ATMEL Corporation PC7410MGSU500N Datasheet HTML 10Page - ATMEL Corporation PC7410MGSU500N Datasheet HTML 11Page - ATMEL Corporation PC7410MGSU500N Datasheet HTML 12Page - ATMEL Corporation PC7410MGSU500N Datasheet HTML 13Page - ATMEL Corporation PC7410MGSU500N Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
10
PC7410
2141D–HIREL–02/04
Figure 3. Overshoot/Undershoot Voltage
The PC7410 provides several I/O voltages to support both compatibility with existing
systems and migration to future systems. The PC7410 “core” voltage must always be
provided at nominal voltage (see Table 4 for actual recommended core voltage). Volt-
age to the L2 I/Os and processor interface I/Os are provided through separate sets of
supply pins and may be provided at the voltages shown in Table 3. The input voltage
threshold for each bus is selected by sampling the state of the voltage select pins at the
negation of the signal HRESET. The output voltage will swing from GND to the maxi-
mum voltage applied to the OV
DD or L2OVDD power pins.
Notes:
1. Caution: The input threshold selection must agree with the OV
DD/L2OVDD voltages
supplied.
2. To select the 2.5V threshold option, L2VSEL/BVSEL should be tied to HRESET so
that the two signals change state together. This is the preferred method for selecting
this mode operation.
3. To overcome the internal pull-up resistance, a pull-down resistance less than 250
should be used.
4. Default voltage setting if left unconnected (internal pulled-up). Parts Rev 1.4 and later
only. Previous revisions do not support 3.3V OVDD, the default voltage setting if left
unconnected is 2.5V.
5. Parts Rev 1.4 and later only. Previous revisions do not support 3.3V OVDD, having
BVSEL = 1 selects the 2.5V threshold.
6. Parts Rev 1.4 and later only. Previous revisions do not support BVSEL = HRESET.
7. NSpec does not support the default OVDD setting of 3.3V. The BVSEL input must be
tie either low or HRESET.
Table 3. Input Threshold Voltage Setting
BVSEL Signal
Processor Bus Input
Threshold is Relative to:
L2VSEL
Signal(3)
L2 Bus Input Threshold
is Relative to:
0(1)
1.8V
0
1.8
HRESET(1)(2)
2.5V
HRESET
2.5
1(1)(4)(5)
3.3V(7)
12.5
HRESET(6)
3.3V(7)
HRESET
Not supported
Not to exceed
10% of tSYSCLK
(L2)OVDD + 20%
(L2)OVDD + 5%
(L2)OVDD
VIH
VIL
GND
GND - 0.3V
GND - 0.7V


Similar Part No. - PC7410MGSU500N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC7410 ETC2-PC7410 Datasheet
1Mb / 57P
   PowerPC 7410 RISC Microprocessor
More results

Similar Description - PC7410MGSU500N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC7410 ETC2-PC7410 Datasheet
1Mb / 57P
   PowerPC 7410 RISC Microprocessor
logo
ATMEL Corporation
PC7447A ATMEL-PC7447A Datasheet
595Kb / 44P
   PowerPC RISC microprocessor
logo
NXP Semiconductors
MPC602EC NXP-MPC602EC Datasheet
440Kb / 26P
   PowerPC 602TM RISC Microprocessor Hardware Specification
5/96
logo
Motorola, Inc
MPC603E7TEC MOTOROLA-MPC603E7TEC Datasheet
551Kb / 36P
   PowerPC 603e RISC Microprocessor
MPC603E MOTOROLA-MPC603E Datasheet
132Kb / 31P
   PowerPC 603e RISC Microprocessor
logo
ATMEL Corporation
PC7457 ATMEL-PC7457 Datasheet
522Kb / 66P
   PowerPC 7457 RISC Microprocessor
PC755 ATMEL-PC755 Datasheet
1Mb / 50P
   PowerPC 755/745 RISC Microprocessor
logo
NXP Semiconductors
MPC604E NXP-MPC604E Datasheet
481Kb / 34P
   PowerPC 604eTM RISC Microprocessor Technical Summary
REV 1
MPC601 NXP-MPC601 Datasheet
556Kb / 32P
   PowerPC™ 601 RISC Microprocessor Technical Summary
REV 1
MPC603 NXP-MPC603 Datasheet
523Kb / 28P
   PowerPC™ 603 RISC Microprocessor Technical Summary
REV 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com