Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC7410MGSU500N Datasheet(PDF) 9 Page - ATMEL Corporation

Part # PC7410MGSU500N
Description  PowerPC 7410 RISC Microprocessor Product Specification
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7410MGSU500N Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button PC7410MGSU500N Datasheet HTML 5Page - ATMEL Corporation PC7410MGSU500N Datasheet HTML 6Page - ATMEL Corporation PC7410MGSU500N Datasheet HTML 7Page - ATMEL Corporation PC7410MGSU500N Datasheet HTML 8Page - ATMEL Corporation PC7410MGSU500N Datasheet HTML 9Page - ATMEL Corporation PC7410MGSU500N Datasheet HTML 10Page - ATMEL Corporation PC7410MGSU500N Datasheet HTML 11Page - ATMEL Corporation PC7410MGSU500N Datasheet HTML 12Page - ATMEL Corporation PC7410MGSU500N Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
9
PC7410
2141D–HIREL–02/04
Detailed Specification
Scope
This drawing describes the specific requirements for the microprocessor PC7410 in
compliance with Atmel-Grenoble standard screening.
Applicable
Documents
1.
MIL-STD-883: Test methods and procedures for electronics
2.
MIL-PRF-38535: Appendix A: General specifications for microcircuits
Requirements
General
The microcircuits are in accordance with the applicable documents and as specified
herein.
Design and Construction
Terminal Connections
Depending on the package, the terminal connections are as shown in Table 16, Table 4
and Figure 2.
Absolute Maximum
Ratings
Notes:
1. Functional and tested operating conditions are given in Table 4. Absolute maximum ratings are stress ratings only. Stresses
beyond those listed may affect device reliability or cause permanent damage to the device.
2. Caution: V
IN must not exceed OVDD or L2OVDD by more than 0.2V at any time including during power-on reset.
3. Caution: L2OV
DD/OVDD must not exceed VDD/AVDD/L2AVDD by more than 2.0V at any time including during power-on reset;
this limit may be exceeded for a maximum of 20 ms during power-on reset and power-down sequences.
4. Caution: V
DD/AVDD/L2AVDD must not exceed L2OVDD/OVDD by more than 0.4V at any time including during power-on reset;
this limit may be exceeded for a maximum of 20 ms during power-on reset and power-down sequences.
5. VIN may overshoot/undershoot to a voltage and for a maximum duration as shown in Figure 3.
6. PC7410RXnnnLE (Rev 1.4) and later only. Previous revisions do not support 3.3V OV
DD and have a maximum value OVDD of
-0.3 to 2.6V.
Table 2. Absolute Maximum Ratings
(1)
Symbol
Characteristic
Value
Unit
V
DD
Core supply voltage
-0.3 to 2.1(4)
V
AVDD
PLL supply voltage
-0.3 to 2.1(4)
V
L2AV
DD
L2 DLL supply voltage
-0.3 to 2.1(4)
V
OV
DD
60x bus supply voltage
-0.3 to 3.465(3)(6)
V
L2OVDD
L2 bus supply voltage
-0.3 to 2.6(3)
V
V
IN
Processor bus input voltage
-0.3 to OVDD + 0,2V(2)(5)
V
V
IN
L2 bus input voltage
-0.3 to L2OVDD + 0,2V(2)(5)
V
VIN
JTAG signal input voltage
-0.3 to OVDD + 0,2V
V
T
STG
Storage temperature range
-55 to 150
°C
Rework temperature
260
°C


Similar Part No. - PC7410MGSU500N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC7410 ETC2-PC7410 Datasheet
1Mb / 57P
   PowerPC 7410 RISC Microprocessor
More results

Similar Description - PC7410MGSU500N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC7410 ETC2-PC7410 Datasheet
1Mb / 57P
   PowerPC 7410 RISC Microprocessor
logo
ATMEL Corporation
PC7447A ATMEL-PC7447A Datasheet
595Kb / 44P
   PowerPC RISC microprocessor
logo
NXP Semiconductors
MPC602EC NXP-MPC602EC Datasheet
440Kb / 26P
   PowerPC 602TM RISC Microprocessor Hardware Specification
5/96
logo
Motorola, Inc
MPC603E7TEC MOTOROLA-MPC603E7TEC Datasheet
551Kb / 36P
   PowerPC 603e RISC Microprocessor
MPC603E MOTOROLA-MPC603E Datasheet
132Kb / 31P
   PowerPC 603e RISC Microprocessor
logo
ATMEL Corporation
PC7457 ATMEL-PC7457 Datasheet
522Kb / 66P
   PowerPC 7457 RISC Microprocessor
PC755 ATMEL-PC755 Datasheet
1Mb / 50P
   PowerPC 755/745 RISC Microprocessor
logo
NXP Semiconductors
MPC604E NXP-MPC604E Datasheet
481Kb / 34P
   PowerPC 604eTM RISC Microprocessor Technical Summary
REV 1
MPC601 NXP-MPC601 Datasheet
556Kb / 32P
   PowerPC™ 601 RISC Microprocessor Technical Summary
REV 1
MPC603 NXP-MPC603 Datasheet
523Kb / 28P
   PowerPC™ 603 RISC Microprocessor Technical Summary
REV 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com