Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4661 Datasheet(PDF) 7 Page - Texas Instruments

Part # PT4661
Description  30-A Dual Output Isolated DC/DC Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4661 Datasheet(HTML) 7 Page - Texas Instruments

Back Button PT4661 Datasheet HTML 3Page - Texas Instruments PT4661 Datasheet HTML 4Page - Texas Instruments PT4661 Datasheet HTML 5Page - Texas Instruments PT4661 Datasheet HTML 6Page - Texas Instruments PT4661 Datasheet HTML 7Page - Texas Instruments PT4661 Datasheet HTML 8Page - Texas Instruments PT4661 Datasheet HTML 9Page - Texas Instruments PT4661 Datasheet HTML 10Page - Texas Instruments PT4661 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
For technical support and further information, visit http://power.ti.com
PT4665—48 V
30-A Dual Output Isolated
DC/DC Converter
Efficiency vs I1out; I2out @1 A, 3 A, and 6 A
Power Dissipation vs (Io1 + Io2)
Cross Regulation: V1out vs I2out @I1out =1 A
Cross Regulation: V2out vs I1out @I2out =1 A
Efficiency vs I1out; I2out @9 A, 12 A, and 15 A
Safe Operating Area: (Io1 + Io2)
Typical Characteristics
PT4665 (V1/V2 =3.3 V/1.5 V); Vin =48 V (See Notes A & B)
Note A:
All Characteristic data in the above graphs has been developed from actual products tested at 25 °C. This data is considered typical data for the converter.
Note B:
SOA curves represent operating conditions at which internal components are at or below manufacturer’s maximum rated operating temperatures.
3.28
3.29
3.3
3.31
3.32
03
69
12
15
I2 out (A)
1.49
1.495
1.5
1.505
1.51
036
9
12
15
I1 out (A)
20
30
40
50
60
70
80
90
0
5
10
15
20
25
30
Io1 + Io2 (A)
300LFM
200LFM
100LFM
Nat Conv
Airflow
50
60
70
80
90
100
0369
12
15
I1 out (A)
6
3
1
I2 out
50
60
70
80
90
100
0369
12
15
I2 out (A)
9
12
15
I2 out
0
4
8
12
16
20
0
6
12
18
24
30
Io1 + Io2 (A)
SLTS140C – MAY 2001 – REVISED OCTOBER 2003


Similar Part No. - PT4661

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4661 TI-PT4661 Datasheet
290Kb / 13P
[Old version datasheet]   20-A 24-V Input Dual Output Isolated DC/DC Converter
PT4661 TI1-PT4661 Datasheet
326Kb / 16P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
PT4661A TI1-PT4661A Datasheet
326Kb / 16P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
PT4661C TI1-PT4661C Datasheet
326Kb / 16P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
PT4661N TI1-PT4661N Datasheet
326Kb / 16P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
More results

Similar Description - PT4661

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT3663 TI-PT3663 Datasheet
317Kb / 15P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
PT4660 TI1-PT4660 Datasheet
326Kb / 16P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
logo
SynQor Worldwide Headqu...
DQ63312QGL07 SYNQOR-DQ63312QGL07 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
logo
Texas Instruments
PT4711 TI-PT4711 Datasheet
337Kb / 13P
[Old version datasheet]   45-W Dual-Output Isolated DC/DC Converter
logo
SynQor Worldwide Headqu...
DQ63318QMA04 SYNQOR-DQ63318QMA04 Datasheet
811Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ65033QGL10 SYNQOR-DQ65033QGL10 Datasheet
804Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63325QGL09 SYNQOR-DQ63325QGL09 Datasheet
821Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63315QGL07 SYNQOR-DQ63315QGL07 Datasheet
810Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QGL08 SYNQOR-DQ63318QGL08 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63325QMA04 SYNQOR-DQ63325QMA04 Datasheet
854Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com