Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC7410VGU500N Datasheet(PDF) 4 Page - ATMEL Corporation

Part # PC7410VGU500N
Description  PowerPC 7410 RISC Microprocessor Product Specification
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7410VGU500N Datasheet(HTML) 4 Page - ATMEL Corporation

  PC7410VGU500N Datasheet HTML 1Page - ATMEL Corporation PC7410VGU500N Datasheet HTML 2Page - ATMEL Corporation PC7410VGU500N Datasheet HTML 3Page - ATMEL Corporation PC7410VGU500N Datasheet HTML 4Page - ATMEL Corporation PC7410VGU500N Datasheet HTML 5Page - ATMEL Corporation PC7410VGU500N Datasheet HTML 6Page - ATMEL Corporation PC7410VGU500N Datasheet HTML 7Page - ATMEL Corporation PC7410VGU500N Datasheet HTML 8Page - ATMEL Corporation PC7410VGU500N Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
4
PC7410
2141D–HIREL–02/04
General Parameters
Table 1 provides a summary of the general parameters of the PC7410.
Note:
1. 3.3V I/O bus not supported for 1.5V core power supply processor version.
Features
This section summarizes features of the PC7410’s implementation of the PowerPC
architecture. Major features of the PC7410 are as follows:
Branch Processing Unit
Four instructions fetched per clock
One branch processed per cycle (plus resolving two speculations)
Up to one speculative stream in execution, one additional speculative stream
in fetch
512-entry branch history table (BHT) for dynamic prediction
64-entry, 4-way set associative branch target instruction cache (BTIC) for
eliminating branch delay slots
Dispatch Unit
Full hardware detection of dependencies (resolved in the execution units)
Dispatch two instructions to eight independent units (system, branch,
load/store, fixed-point unit 1, fixed-point unit 2, floating-point, AltiVec
permute, AltiVec ALU)
Serialization control (predispatch, postdispatch, execution serialization)
Decode
Register file access
Forwarding control
Partial instruction decode
Completion
8-entry completion buffer
Instruction tracking and peak completion of two instructions per cycle
Table 1. Device Parameters
Parameter
Description
Technology
0.18 µm CMOS, six-layer metal
Die size
6.32 mm × 8.26 mm (52 mm2)
Transistor count
10.5 million
Logic design
Fully-static
Packages
Surface-mount 360 ceramic ball grid array (CBGA)
Surface mount 360 high coefficient of thermal expansion
ceramic ball grid array (HiTCE)
Surface mount 360-column Ci-CGA Package
Core power supply
1.8V ± 100 mV dc or 1.5V ± 50 mV dc (nominal; see Table 4 for
Recommended Operating Conditions)
I/O power supply
1.8V ± 100 mV dc or
2.5V ± 100 mV
3.3V ± 165 mV (603 bus only) (1)
(input thresholds are configuration pin selectable) or


Similar Part No. - PC7410VGU500N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC7410 ETC2-PC7410 Datasheet
1Mb / 57P
   PowerPC 7410 RISC Microprocessor
More results

Similar Description - PC7410VGU500N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC7410 ETC2-PC7410 Datasheet
1Mb / 57P
   PowerPC 7410 RISC Microprocessor
logo
ATMEL Corporation
PC7447A ATMEL-PC7447A Datasheet
595Kb / 44P
   PowerPC RISC microprocessor
logo
NXP Semiconductors
MPC602EC NXP-MPC602EC Datasheet
440Kb / 26P
   PowerPC 602TM RISC Microprocessor Hardware Specification
5/96
logo
Motorola, Inc
MPC603E7TEC MOTOROLA-MPC603E7TEC Datasheet
551Kb / 36P
   PowerPC 603e RISC Microprocessor
MPC603E MOTOROLA-MPC603E Datasheet
132Kb / 31P
   PowerPC 603e RISC Microprocessor
logo
ATMEL Corporation
PC7457 ATMEL-PC7457 Datasheet
522Kb / 66P
   PowerPC 7457 RISC Microprocessor
PC755 ATMEL-PC755 Datasheet
1Mb / 50P
   PowerPC 755/745 RISC Microprocessor
logo
NXP Semiconductors
MPC604E NXP-MPC604E Datasheet
481Kb / 34P
   PowerPC 604eTM RISC Microprocessor Technical Summary
REV 1
MPC601 NXP-MPC601 Datasheet
556Kb / 32P
   PowerPC™ 601 RISC Microprocessor Technical Summary
REV 1
MPC603 NXP-MPC603 Datasheet
523Kb / 28P
   PowerPC™ 603 RISC Microprocessor Technical Summary
REV 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com