Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PST611 Datasheet(PDF) 1 Page - Mitsumi Electronics, Corp.

Part # PST611
Description  System Reset Monolithic IC PST611
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

PST611 Datasheet(HTML) 1 Page - Mitsumi Electronics, Corp.

  PST611 Datasheet HTML 1Page - Mitsumi Electronics, Corp. PST611 Datasheet HTML 2Page - Mitsumi Electronics, Corp. PST611 Datasheet HTML 3Page - Mitsumi Electronics, Corp. PST611 Datasheet HTML 4Page - Mitsumi Electronics, Corp. PST611 Datasheet HTML 5Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MITSUMI
System Reset PST611
System Reset
Monolithic IC PST611
Outline
This IC functions in a variety of CPU systems and other logic systems, to constantly monitor power supply
voltage, and to reset the system accurately when power is turned on or interrupted.
System reset ICs have been represented by the PST series in the past, but this IC is able to set no-response
time through an external capacitor, and controls reset output relative to temporary power supply voltage drop
caused by motor load or the like in systems using batteries.
Also, the detection voltage for this IC is set low so that it can respond to systems that operate on low voltage.
Features
1. Low current consumption
ICCH=2.2µA
ICCL=3.2µA
2. Low operating limit voltage
0.75V max.
3. High reset output
4. No-response time can be controlled
5. 8 types of detection voltages provided
PST611
R : 1.6V typ.
V : 1.2V typ.
S : 1.5V typ.
W : 1.1V typ.
T : 1.4V typ.
X : 1.0V typ.
U : 1.3V typ.
Y : 0.9V typ.
Package
MMP-4A (PST611
M)
* contains detection voltage rank.
Applications
1. Reset circuits in microcomputers, CPUs and MPUs
2. Set voltage drop detection
3. Battery voltage check circuits.
4. Voltage detection circuits in general
Absolute Maximum Ratings (Ta=25°C)
Item
Symbol
Rating
Units
Storage temperature
TSTG
-40~+125
°C
Operating temperature
TOPR
-10~+70
°C
Power supply voltage
VCC max.
-0.3~+5
V
Allowable loss
Pd
200
mW


Similar Part No. - PST611

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PST60 WALL-PST60 Datasheet
112Kb / 3P
   Switching Power Supply
logo
Mitsumi Electronics, Co...
PST600 MITSUMI-PST600 Datasheet
118Kb / 5P
   System Reset Monolithic IC
PST600C MITSUMI-PST600C Datasheet
118Kb / 5P
   System Reset Monolithic IC
PST600D MITSUMI-PST600D Datasheet
118Kb / 5P
   System Reset Monolithic IC
PST600E MITSUMI-PST600E Datasheet
118Kb / 5P
   System Reset Monolithic IC
More results

Similar Description - PST611

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST600 MITSUMI-PST600 Datasheet
118Kb / 5P
   System Reset Monolithic IC
PST573 MITSUMI-PST573 Datasheet
134Kb / 6P
   SYSTEM RESET Monolithic IC
PST92XX MITSUMI-PST92XX Datasheet
66Kb / 6P
   IC for System Reset Monolithic IC
PST90XX MITSUMI-PST90XX Datasheet
47Kb / 3P
   IC for System Reset Monolithic IC
PST70XX MITSUMI-PST70XX Datasheet
48Kb / 3P
   IC for System Reset Monolithic IC
PST575 MITSUMI-PST575 Datasheet
139Kb / 6P
   System Reset Monolithic IC PST575
PST38XXU MITSUMI-PST38XXU Datasheet
66Kb / 10P
   IC for CMOS System Reset Monolithic IC
PST37XXU MITSUMI-PST37XXU Datasheet
66Kb / 10P
   IC for CMOS System Reset Monolithic IC
PST7046 MITSUMI-PST7046 Datasheet
47Kb / 3P
   System Reset Monolithic IC PST70XX Series
PST591 MITSUMI-PST591 Datasheet
133Kb / 6P
   System Reset Monolithic IC PST591~595 Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com