Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJD882CK Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PJD882CK
Description  NPN Epitaxial Silicon Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PJD882CK Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PJD882CK Datasheet HTML 1Page - List of Unclassifed Manufacturers PJD882CK Datasheet HTML 2Page - List of Unclassifed Manufacturers PJD882CK Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PJD882/PJD882S
NPN Epitaxial Silicon Transistor
3-3
2002/01.rev.A


Similar Part No. - PJD882CK

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJD80N03 PANJIT-PJD80N03 Datasheet
486Kb / 8P
   30V N-Channel Enhancement Mode MOSFET
November 28,2017-REV.02
PJD80N03_L2_00001 PANJIT-PJD80N03_L2_00001 Datasheet
486Kb / 8P
   30V N-Channel Enhancement Mode MOSFET
November 28,2017-REV.02
PJD80N04 PANJIT-PJD80N04 Datasheet
603Kb / 6P
   40V N-Channel Enhancement Mode MOSFET
May 12,2017-REV.00
PJD80N04-AU PANJIT-PJD80N04-AU Datasheet
601Kb / 6P
   40V N-Channel Enhancement Mode MOSFET
March 28,2019-REV.00
PJD80N04-AU_L2_000A1 PANJIT-PJD80N04-AU_L2_000A1 Datasheet
601Kb / 6P
   40V N-Channel Enhancement Mode MOSFET
March 28,2019-REV.00
More results

Similar Description - PJD882CK

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com