Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74LPT16374 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI74LPT16374
Description  Fast CMOS 3.3V 16-Bit Register (3-State)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74LPT16374 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI74LPT16374 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74LPT16374 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74LPT16374 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74LPT16374 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74LPT16374 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PI74LPT16374
3.3V 16-BIT REGISTER (3-STATE)
2
PS2070A 01/16/97
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Inputs(1)
Outputs(1)
Function
xDx
xCLK
xOE
xOx
High-Z
X
L
H
Z
XHH
Z
Load
L
L
L
Register
H
L
H
LH
Z
HH
Z
1
OE
1
1
O0
2
1
O1
3
GND
4
1
O2
5
1
O3
6
VCC
7
1
O4
8
1
O5
9
GND
10
1
O6
11
1
O7
12
2
O0
13
2
O1
14
GND
15
2
O2
16
2
O3
17
VCC
18
2
O4
19
2
O5
20
GND
21
2
O6
22
2
O7
23
2
OE
24
1
CLK
48
1
D0
47
1
D1
46
GND
45
1
D2
44
1
D3
43
VCC
42
1
D4
41
1
D5
40
GND
39
1
D6
38
1
D7
37
2
D0
36
2
D1
35
GND
34
2
D2
33
2
D3
32
VCC
31
2
D4
30
2
D5
29
GND
28
2
D6
27
2
D7
26
2
CLK
25
Product Pin Description
Pin Name
Description
xOE
3-State Output Enable Inputs (Active LOW)
xCLK
Clock Inputs
xDx
Data Inputs
xOx
3-State Outputs
GND
Ground
VCC
Power
Truth Table
48-PIN
V48
A48
Product Pin Configuration
Note:
1. H = High Voltage Level, X = Don't Care,
L = Low Voltage Level, Z = High Impedance
Note:
1. This parameter is determined by device characterization but is not production tested.
Capacitance (TA = 25°C, f = 1 MHz)
Parameters(1)
Description
Test Conditions
Typ.
Max.
Units
CIN
Input Capacitance
VIN = 0V
4.5
6
pF
COUT
Output Capacitance
VOUT = 0V
5.5
8
pF


Similar Part No. - PI74LPT16374

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
PI74LPT16373A PERKINELMER-PI74LPT16373A Datasheet
547Kb / 7P
   Fast CMOS 3.3V 16-BitTransparent Latch
PI74LPT16373AA PERKINELMER-PI74LPT16373AA Datasheet
547Kb / 7P
   Fast CMOS 3.3V 16-BitTransparent Latch
PI74LPT16373AV PERKINELMER-PI74LPT16373AV Datasheet
547Kb / 7P
   Fast CMOS 3.3V 16-BitTransparent Latch
PI74LPT16373AVE PERKINELMER-PI74LPT16373AVE Datasheet
547Kb / 7P
   Fast CMOS 3.3V 16-BitTransparent Latch
PI74LPT16373CA PERKINELMER-PI74LPT16373CA Datasheet
547Kb / 7P
   Fast CMOS 3.3V 16-BitTransparent Latch
More results

Similar Description - PI74LPT16374

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT163374 PERICOM-PI74FCT163374 Datasheet
94Kb / 5P
   Fast CMOS 3.3V 16-Bit Register (3-State)
PI74LCX16374 PERICOM-PI74LCX16374 Datasheet
151Kb / 6P
   Fast CMOS 3.3V 16-Bit Register (3-State)
logo
Integrated Device Techn...
IDT74FCT163374A IDT-IDT74FCT163374A Datasheet
76Kb / 7P
   3.3V CMOS 16-BIT REGISTER (3-STATE)
logo
Renesas Technology Corp
IDT74FCT163374A RENESAS-IDT74FCT163374A Datasheet
250Kb / 8P
   3.3V CMOS 16-BIT REGISTER (3-STATE)
MAY 2018
IDT74FCT16374AT RENESAS-IDT74FCT16374AT Datasheet
259Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
MARCH 2019
logo
Integrated Device Techn...
IDT74FCT162374AT IDT-IDT74FCT162374AT Datasheet
73Kb / 7P
   FAST CMOS 16-BIT REGISTER (3-STATE)
IDT54FCT16374T IDT-IDT54FCT16374T Datasheet
126Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
logo
Renesas Technology Corp
IDT74FCT162374AT RENESAS-IDT74FCT162374AT Datasheet
239Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT163374A IDT-IDT74FCT163374A_18 Datasheet
91Kb / 7P
   3.3V CMOS 16-BIT REGISTER
logo
NXP Semiconductors
74ALVT16652 PHILIPS-74ALVT16652 Datasheet
108Kb / 14P
   2.5V/3.3V 16-bit bus transceiver/register 3-State
1998 Feb 13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com