Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE7053 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE7053
Description  Integrated Circuit 22W Bridge-Stereo Amplifier for Car Radio
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE7053 Datasheet(HTML) 2 Page - NTE Electronics

  NTE7053 Datasheet HTML 1Page - NTE Electronics NTE7053 Datasheet HTML 2Page - NTE Electronics NTE7053 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics: (TA = +25°C, VS = 14.4V, f = 1kHz unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max Unit
Supply Voltage Range
VS
8
18
V
Total Quiescent Drain Current
Id
Stereo Configuration
120
mA
Stand–By Attenuation
ASB
60
80
dB
Stand–By Current
ISB
100
µA
Thermal Shut–Down Junction Temperature
Tsd
150
°C
Stereo
Output Power (Each Channel)
PO
d = 10%
RL = 2Ω
11
W
RL = 3.2Ω
7
8
W
RL = 4Ω
8.5
W
d = 10%,
RL = 2Ω
9
W
VS = 13.2V
RL = 3.2Ω
6.5
W
RL = 4Ω
5.5
W
Distortion
d
PO = 0.1W to 4W, RL = 3.2Ω
0.5
%
Supply Voltage Rejection
SVR
RS = 10kΩ,
C3 = 22
µF
45
50
dB
f = 100Hz
C3 = 100
µF
57
dB
Crosstalk
CT
f = 1kHz
45
55
dB
f = 10kHz
50
dB
Input Resistance
RI
30
50
k
Voltage Gain
GV
27
29
31
dB
Voltage Gain Match
GV
1
dB
Input Noise Voltage
EIN
Note 1
RS = 50Ω
2
µV
RS = 10kΩ
2.7
7
µV
Bridge
Output Power (Each Channel)
PO
d = 10%
RL = 3.2Ω
16
22
W
RL = 4Ω
20
W
d = 10%,
RL = 3.2Ω
19
W
VS = 13.2V
RL = 4Ω
17.5
W
Distortion
d
PO = 0.1W to 4W, RL = 4Ω
1
%
Output Offset Voltage
VOS
250
mV
Supply Voltage Rejection
SVR
RS = 10kΩ,
C3 = 22
µF
45
50
dB
f = 100Hz
C3 = 100
µF
57
dB
Input Resistance
RI
50
k
Voltage Gain
GV
33
35
37
dB
Input Noise Voltage
EIN
Note 1
RS = 50Ω
2.7
µV
RS = 10kΩ
3.2
µV
Note 1. 22Hz to 22kHz


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn