Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE7053 Datasheet(PDF) 3 Page - NTE Electronics

Part No. NTE7053
Description  Integrated Circuit 22W Bridge-Stereo Amplifier for Car Radio
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE7053 Datasheet(HTML) 3 Page - NTE Electronics

  NTE7053 Datasheet HTML 1Page - NTE Electronics NTE7053 Datasheet HTML 2Page - NTE Electronics NTE7053 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
+VS
Pin Connection Diagram
Input 1 (+)
Input 1 (–)
S–GND
Output 1
Output 2
Input 2 (+)
SVR
Bridge/Stereo
Stand–By
11
10
9
8
7
P–GND/Tab
6
5
4
3
2
1
(Front View)
.696
(17.68)
.858
(21.79)
.150 (3.81) Dia Max
.791 (20.1)
.689
(17.5)
.062 (1.52)
.196 (4.99)
.110 (2.79)
.169 (4.29)
.008 (.203)
.067 (1.7)
.200
(5.08)
111
Note
NOTE: Tab connected to Pin6


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn