Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC7410MGHU400L Datasheet(PDF) 1 Page - ATMEL Corporation

Part # PC7410MGHU400L
Description  PowerPC 7410 RISC Microprocessor Product Specification
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7410MGHU400L Datasheet(HTML) 1 Page - ATMEL Corporation

  PC7410MGHU400L Datasheet HTML 1Page - ATMEL Corporation PC7410MGHU400L Datasheet HTML 2Page - ATMEL Corporation PC7410MGHU400L Datasheet HTML 3Page - ATMEL Corporation PC7410MGHU400L Datasheet HTML 4Page - ATMEL Corporation PC7410MGHU400L Datasheet HTML 5Page - ATMEL Corporation PC7410MGHU400L Datasheet HTML 6Page - ATMEL Corporation PC7410MGHU400L Datasheet HTML 7Page - ATMEL Corporation PC7410MGHU400L Datasheet HTML 8Page - ATMEL Corporation PC7410MGHU400L Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
2141D–HIREL–02/04
Features
22.8 SPECint95 (estimated), 17SPECfp95 at 500 MHz (estimated)
917MIPS at 500 MHz
Selectable Bus Clock (14 CPU Bus Dividers Up To 9x)
Seven Selectable Core-to-L2 Frequency Divisors
Selectable 603 Interface Voltage Below 3.3V (1.8V, 2.5V)
Selectable L2 interface of 1.8V or 2.5V
P
D Typical 5.3W at 500 MHz, Full Operating Conditions
Nap, Doze and Sleep Modes for Power Saving
Superscalar (Four Instructions fetched per Clock Cycle)
4 GB Direct Addressing Range
Virtual Memory: 4 hexabytes (252)
64-bit Data and 32-bit Address Bus Interface
32 KB Instruction and Data Cache
Eight Independent Execution Units and Three Register Files
Write-back and Write-through Operations
f
INT Max = 450 MHz 500 MHz
f
BUS Max = 133 MHz
Description
The PC7410 is the second microprocessor that uses the fourth (G4) full implementa-
tion of the PowerPC
Reduced Instruction Set Computer (RISC) architecture. It is
fully JTAG-compliant.
The PC7410 maintains some of the characteristics of G3 microprocessors:
The design is superscalar, capable of issuing three instructions per clock cycle
into eight independent execution units
The microprocessor provides four software controllable power-saving modes and
a thermal assist unit management
The microprocessor has separate 32-Kbyte, physically-addressed instruction and
data caches with dedicated L2 cache interface with on-chip L2 tags
In addition, the PC7410 integrates full hardware-based multiprocessing capability,
including a 5-state cache coherency protocol (4 MESI states plus a fifth state for
shared intervention) and an implementation of the new AltiVec
technology instruc-
tion set.
New features have been developed to make latency equal for double-precision and
single-precision floating-point operations involving multiplication. Additionally, in mem-
ory subsystem (MSS) bandwidth, the PC7410 offers an optional, high-bandwidth MPX
bus interface.
Unlike the PC7400, the PC7410 does not support the 3.3V I/O on the L2 cache
interface.
PowerPC 7410
RISC
Microprocessor
Product
Specification
PC7410
Rev. 2141D–HIREL–02/04


Similar Part No. - PC7410MGHU400L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC7410 ETC2-PC7410 Datasheet
1Mb / 57P
   PowerPC 7410 RISC Microprocessor
More results

Similar Description - PC7410MGHU400L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC7410 ETC2-PC7410 Datasheet
1Mb / 57P
   PowerPC 7410 RISC Microprocessor
logo
ATMEL Corporation
PC7447A ATMEL-PC7447A Datasheet
595Kb / 44P
   PowerPC RISC microprocessor
logo
NXP Semiconductors
MPC602EC NXP-MPC602EC Datasheet
440Kb / 26P
   PowerPC 602TM RISC Microprocessor Hardware Specification
5/96
logo
Motorola, Inc
MPC603E7TEC MOTOROLA-MPC603E7TEC Datasheet
551Kb / 36P
   PowerPC 603e RISC Microprocessor
MPC603E MOTOROLA-MPC603E Datasheet
132Kb / 31P
   PowerPC 603e RISC Microprocessor
logo
ATMEL Corporation
PC7457 ATMEL-PC7457 Datasheet
522Kb / 66P
   PowerPC 7457 RISC Microprocessor
PC755 ATMEL-PC755 Datasheet
1Mb / 50P
   PowerPC 755/745 RISC Microprocessor
logo
NXP Semiconductors
MPC604E NXP-MPC604E Datasheet
481Kb / 34P
   PowerPC 604eTM RISC Microprocessor Technical Summary
REV 1
MPC601 NXP-MPC601 Datasheet
556Kb / 32P
   PowerPC™ 601 RISC Microprocessor Technical Summary
REV 1
MPC603 NXP-MPC603 Datasheet
523Kb / 28P
   PowerPC™ 603 RISC Microprocessor Technical Summary
REV 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com