Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC8260VTPU150 Datasheet(PDF) 40 Page - ATMEL Corporation

Part # PC8260VTPU150
Description  PowerPC-based Communications Processors
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC8260VTPU150 Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button PC8260VTPU150 Datasheet HTML 36Page - ATMEL Corporation PC8260VTPU150 Datasheet HTML 37Page - ATMEL Corporation PC8260VTPU150 Datasheet HTML 38Page - ATMEL Corporation PC8260VTPU150 Datasheet HTML 39Page - ATMEL Corporation PC8260VTPU150 Datasheet HTML 40Page - ATMEL Corporation PC8260VTPU150 Datasheet HTML 41Page - ATMEL Corporation PC8260VTPU150 Datasheet HTML 42Page - ATMEL Corporation PC8260VTPU150 Datasheet HTML 43Page - ATMEL Corporation PC8260VTPU150 Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 53 page
background image
40
PC8260 PowerQUICC II
2131B–HIREL–02/03
AC Electrical Specifications
Included in this section are illustrations and tables of clock diagrams, signals, and CPM
outputs and inputs. Note that AC timings are based on a 50 pF load. Typical output
buffer impedances are shown in Table 9.
Note:
These are typical values at 65°C. The impedance mayvary by ±25% with processand
temperature.
Although the specifications generally refer to the rising edge of the clock, the following
AC timing diagrams also apply when the falling edge is the active edge.
Figure 4. FCC External Clock Diagram
Figure 5. FCC Internal Clock Diagram
Table 9. Output Buffer Impedances
Output Buffers
Typical Impedance (
Ω)
60x bus
40
Local bus
40
Memory Controller
40
Parallel I/O
46
PCI
25
FCC Output Signals
FCC Input Signals
sp36b/sp37b
sp17b
sp16b
Serial CLKin
FCC Output Signals
FCC Input Signals
sp36a/sp37a
sp17a
sp16a
BRG_OUT


Similar Part No. - PC8260VTPU150

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC826 SHARP-PC826 Datasheet
259Kb / 4P
   Hgh -w=der Vtige, Hgh Density Mounting Type Photocoupler
logo
Laird Tech Smart Techno...
PC826N LSTD-PC826N Datasheet
415Kb / 1P
   All-welded unit construction
PC826N LSTD-PC826N Datasheet
415Kb / 1P
   No adjustments ever needed
More results

Similar Description - PC8260VTPU150

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
P1014NSE5HFA FREESCALE-P1014NSE5HFA Datasheet
209Kb / 2P
   Communications Processors
P1010NXN5HFA FREESCALE-P1010NXN5HFA Datasheet
209Kb / 2P
   Communications Processors
P1010NSN5HHA FREESCALE-P1010NSN5HHA Datasheet
209Kb / 2P
   Communications Processors
P1011NXN2HFB FREESCALE-P1011NXN2HFB Datasheet
387Kb / 2P
   communications processors
P1021NXE2FFB FREESCALE-P1021NXE2FFB Datasheet
387Kb / 2P
   communications processors
logo
NXP Semiconductors
T1024 NXP-T1024 Datasheet
142Kb / 3P
   Communications Processors
2014-2015
logo
PhaseLink Corporation
PLL702-01 PLL-PLL702-01 Datasheet
271Kb / 8P
   Clock Generator for PowerPC Based Applications
logo
Zilog, Inc.
Z80382 ZILOG-Z80382 Datasheet
304Kb / 77P
   HIGH-PERFORMANCE DATA COMMUNICATIONS PROCESSORS
logo
Freescale Semiconductor...
P1012 FREESCALE-P1012 Datasheet
291Kb / 2P
   single- and dual-core communications processors
logo
Texas Instruments
TMS320F28PLC84 TI1-TMS320F28PLC84 Datasheet
1Mb / 132P
[Old version datasheet]   TMS320F28PLC8x Power Line Communications (PLC) Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com