Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC8260VTPU150 Datasheet(PDF) 32 Page - ATMEL Corporation

Part # PC8260VTPU150
Description  PowerPC-based Communications Processors
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC8260VTPU150 Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button PC8260VTPU150 Datasheet HTML 28Page - ATMEL Corporation PC8260VTPU150 Datasheet HTML 29Page - ATMEL Corporation PC8260VTPU150 Datasheet HTML 30Page - ATMEL Corporation PC8260VTPU150 Datasheet HTML 31Page - ATMEL Corporation PC8260VTPU150 Datasheet HTML 32Page - ATMEL Corporation PC8260VTPU150 Datasheet HTML 33Page - ATMEL Corporation PC8260VTPU150 Datasheet HTML 34Page - ATMEL Corporation PC8260VTPU150 Datasheet HTML 35Page - ATMEL Corporation PC8260VTPU150 Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
32
PC8260 PowerQUICC II
2131B–HIREL–02/03
MODCK3
AP[3]
TC[2]
BNKSEL[2]
Clock Mode Input
I
Defines the operating mode of internal clock circuits.
Address Parity 3
I/O
The 60x master that drives the address bus, also drives the address
parity signals. The value driven on the address parity 3 pin should
provide odd parity (odd number of 1’s) on the group of signals that
includes address parity 3and [A24:314].
Transfer Code 2
O
The transfer code output pins supply information that can be useful for
debug purposes for each of the PowerQUICC II initiated bus
transactions.
Bank Select 2
O
The bank select outputs are used for selecting SDRAM bank when the
PowerQUICC II is in 60x compatible bus mode.
XFC
External Filter Capacitance
I
Input connection for an external capacitor filter for PLL circuity.
CLKIN
Clock In
I
Primary clock input to PowerQUICC II’s PLL.
PA[0:31]
Port A Bits 0:31
I/O
General Purpose I/O Port
PB[4:31]
Port B Bits 4:31
I/O
General Purpose I/O Port
PC[0:31]
Port C Bits 0:31
I/O
General Purpose I/O Port
PD[4:31]
Port D Bits 4:31
I/O
General Purpose I/O Port
VDD
VDDH
VCCSYN
GNDSYN
VCCSYN1
Power Supply
Power Supply
Power Supply
Special Ground
Power Supply
Power supply of the internal logic
Power supply of the I/O buffers
Power supply of the PLL circuity
Special ground of the PLL circuity
Power supply of the core’s PLL circuity
Table 4. External Signals (Continued)
Pin
Signal Name
Type
Description


Similar Part No. - PC8260VTPU150

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC826 SHARP-PC826 Datasheet
259Kb / 4P
   Hgh -w=der Vtige, Hgh Density Mounting Type Photocoupler
logo
Laird Tech Smart Techno...
PC826N LSTD-PC826N Datasheet
415Kb / 1P
   All-welded unit construction
PC826N LSTD-PC826N Datasheet
415Kb / 1P
   No adjustments ever needed
More results

Similar Description - PC8260VTPU150

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
P1014NSE5HFA FREESCALE-P1014NSE5HFA Datasheet
209Kb / 2P
   Communications Processors
P1010NXN5HFA FREESCALE-P1010NXN5HFA Datasheet
209Kb / 2P
   Communications Processors
P1010NSN5HHA FREESCALE-P1010NSN5HHA Datasheet
209Kb / 2P
   Communications Processors
P1011NXN2HFB FREESCALE-P1011NXN2HFB Datasheet
387Kb / 2P
   communications processors
P1021NXE2FFB FREESCALE-P1021NXE2FFB Datasheet
387Kb / 2P
   communications processors
logo
NXP Semiconductors
T1024 NXP-T1024 Datasheet
142Kb / 3P
   Communications Processors
2014-2015
logo
PhaseLink Corporation
PLL702-01 PLL-PLL702-01 Datasheet
271Kb / 8P
   Clock Generator for PowerPC Based Applications
logo
Zilog, Inc.
Z80382 ZILOG-Z80382 Datasheet
304Kb / 77P
   HIGH-PERFORMANCE DATA COMMUNICATIONS PROCESSORS
logo
Freescale Semiconductor...
P1012 FREESCALE-P1012 Datasheet
291Kb / 2P
   single- and dual-core communications processors
logo
Texas Instruments
TMS320F28PLC84 TI1-TMS320F28PLC84 Datasheet
1Mb / 132P
[Old version datasheet]   TMS320F28PLC8x Power Line Communications (PLC) Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com