Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PCA9539 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. PCA9539
Description  16-bit I2C and SMBus, low power I/O port with interrupt and reset
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9539 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA9539 Datasheet HTML 2Page - NXP Semiconductors PCA9539 Datasheet HTML 3Page - NXP Semiconductors PCA9539 Datasheet HTML 4Page - NXP Semiconductors PCA9539 Datasheet HTML 5Page - NXP Semiconductors PCA9539 Datasheet HTML 6Page - NXP Semiconductors PCA9539 Datasheet HTML 7Page - NXP Semiconductors PCA9539 Datasheet HTML 8Page - NXP Semiconductors PCA9539 Datasheet HTML 9Page - NXP Semiconductors PCA9539 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Philips Semiconductors
Product data sheet
PCA9539
16-bit I2C and SMBus, low power I/O port
with interrupt and reset
2004 Sep 30
6
REGISTERS
Command Byte
Command
Register
0
Input port 0
1
Input port 1
2
Output port 0
3
Output port 1
4
Polarity inversion port 0
5
Polarity inversion port 1
6
Configuration port 0
7
Configuration port 1
The command byte is the first byte to follow the address byte during
a write transmission. It is used as a pointer to determine which of the
following registers will be written or read.
Registers 0 and 1 — Input Port Registers
bit
I0.7
I0.6
I0.5
I0.4
I0.3
I0.2
I0.1
IO.0
default
X
X
X
X
X
X
X
X
bit
I1.7
I1.6
I1.5
I1.4
I1.3
I1.2
I1.1
I1.0
default
X
X
X
X
X
X
X
X
This register is an input-only port. It reflects the incoming logic levels
of the pins, regardless of whether the pin is defined as an input or an
output by Register 3. Writes to this register have no effect.
The default value ‘X’ is determined by the externally applied logic
level.
Registers 2 and 3 — Output Port Registers
bit
O0.7
O0.6
O0.5
O0.4
O0.3
O0.2
O0.1
O0.0
default
1
1
1
1
1
1
1
1
bit
O1.7
O1.6
O1.5
O1.4
O1.3
O1.2
O1.1
O1.0
default
1
1
1
1
1
1
1
1
This register is an output-only port. It reflects the outgoing logic
levels of the pins defined as outputs by Register 6 and 7. Bit values
in this register have no effect on pins defined as inputs. In turn,
reads from this register reflect the value that is in the flip-flop
controlling the output selection, NOT the actual pin value.
Registers 4 and 5 — Polarity Inversion Registers
bit
N0.7
N0.6
N0.5
N0.4
N0.3
N0.2
N0.1
N0.0
default
0
0
0
0
0
0
0
0
bit
N1.7
N1.6
N1.5
N1.4
N1.3
N1.2
N1.1
N1.0
default
0
0
0
0
0
0
0
0
This register allows the user to invert the polarity of the Input Port
register data. If a bit in this register is set (written with ‘1’), the Input
Port data polarity is inverted. If a bit in this register is cleared (written
with a ‘0’), the Input Port data polarity is retained.
Registers 6 and 7 — Configuration Registers
bit
C0.7
C0.6
C0.5
C0.4
C0.3
C0.2
C0.1
C0.0
default
1
1
1
1
1
1
1
1
bit
C1.7
C1.6
C1.5
C1.4
C1.3
C1.2
C1.1
C1.0
default
1
1
1
1
1
1
1
1
This register configures the directions of the I/O pins. If a bit in this
register is set (written with ‘1’), the corresponding port pin is enabled
as an input with high impedance output driver. If a bit in this register
is cleared (written with ‘0’), the corresponding port pin is enabled as
an output. At reset the device’s ports are inputs.
POWER-ON RESET
When power is applied to VDD, an internal power-on reset holds the
PCA9539 in a reset condition until VDD has reached VPOR. At that
point, the reset condition is released and the PCA9539 registers and
SMBus state machine will initialize to their default states. Therefore,
VDD must be lowered below 0.2 V to reset the device.
For a power reset cycle, VDD must be lowered below 0.2 V and then
restored to the operating voltage.
RESET Input
A reset can be accomplished by holding the RESET pin LOW for a
minimum of tW. The PCA9539 registers and SMBus/I2C state
machine will be held in their default state until the RESET input is
once again HIGH. This input typically requires a pull-up to VDD.
DEVICE ADDRESS
A1
slave address
fixed
programmable
R/W
111
01
A0
SW02204
Figure 5. PCA9539 address


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn