Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC87383 Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87383
Description  Legacy-Reduced SuperI/O with Fast Infrared Port, Serial Port, Parallel Port and GPIOs for Portable Applications
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87383 Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button PC87383 Datasheet HTML 27Page - National Semiconductor (TI) PC87383 Datasheet HTML 28Page - National Semiconductor (TI) PC87383 Datasheet HTML 29Page - National Semiconductor (TI) PC87383 Datasheet HTML 30Page - National Semiconductor (TI) PC87383 Datasheet HTML 31Page - National Semiconductor (TI) PC87383 Datasheet HTML 32Page - National Semiconductor (TI) PC87383 Datasheet HTML 33Page - National Semiconductor (TI) PC87383 Datasheet HTML 34Page - National Semiconductor (TI) PC87383 Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 77 page
background image
3.0 Device Architecture and Configuration (Continued)
Revision 1.1
31
www.national.com
3.7.6
Clock Generator Control Register (CLOCKCF)
Location: Index 29h
Type:
Varies per bit
Bit
76
5
43210
Name
CKEN
Reserved
CK48SEL
CKVALID
LOCKCCF
Reserved
Reset
0
0
0
00000
Bit
Type
Description
7
R/W or
RO
CKEN (Clock Enable). This bit enables the internal clock of PC87383. If the clock source selected by
CK48SEL bit is the Clock Generator, this bit enables the Clock Generator. Otherwise it enables the
path from the CLKIN input pin.
0: Clock disabled (default).
1: Clock enabled.
6
Reserved.
5
R/W or
RO
CK48SEL (48 MHz Clock Select). Selects the source of the internal 48 MHz clock.
0: The source of the internal 48 MHz clock is CLKIN pin (default).
Use when CLKIN pin is connected to 48 MHz clock source.
1: The source of the internal 48 MHz clock is the Clock Generator.
Use when CLKIN pin is connected to 14.31818 MHz clock source.
4RO
CKVALID (Valid Clock Generator, Clock Status). This bit indicates the status of the on-chip, 48 MHz
Clock Generator and controls the generator output clock signal. The PC87383 modules using this clock
may be enabled (see Section 3.3.1 on page 25) only after this bit is read high (generator clock is valid).
0: Generator output clock frozen (default).
1: Generator output clock active (stable and toggling).
3
R/W1S LOCKCCF (Lock Clock Configuration). When set to 1, this bit locks the configuration register
CLOCKCF by disabling writing to all its bits (including to the LOCKCCF bit itself). Once set, this bit can
be cleared by Hardware reset.
0: The R/W bits are enabled for write (default).
1: All the bits are Read-Only.
2-0
Reserved.


Similar Part No. - PC87383

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87382 NSC-PC87382 Datasheet
846Kb / 72P
   LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
PC87382-VBH NSC-PC87382-VBH Datasheet
846Kb / 72P
   LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
More results

Similar Description - PC87383

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
WPCN383U NUVOTON-WPCN383U Datasheet
166Kb / 3P
   Legacy-Reduced SuperI/O with Fast Infrared Port, Two Serial Ports, Parallel Port and GPIOs for Portable Applications
WPCN381U NUVOTON-WPCN381U Datasheet
628Kb / 67P
   Legacy-Reduced SuperI/O with Fast Infrared Port, Two Serial Ports and GPIOs
logo
Winbond
WPCN381U WINBOND-WPCN381U Datasheet
79Kb / 3P
   Legacy-Reduced SuperI/O with Fast Infrared Port, Two Serial Ports and GPIOs
WPCN384U WINBOND-WPCN384U Datasheet
104Kb / 3P
   Legacy-Reduced SuperI/O with Two Serial Ports, Parallel Port and GPIOs for Notebook and Docking Applications
logo
Nuvoton Technology Corp...
WPCN384U NUVOTON-WPCN384U Datasheet
165Kb / 3P
   Legacy-Reduced SuperI/O with Two Serial Ports, Parallel Port and GPIOs for Notebook and Docking Applications
logo
Winbond
WPCN385L WINBOND-WPCN385L Datasheet
84Kb / 3P
   LPC-to-LPC Switch, Fast Infrared Port, Serial Port and GPIOs
logo
National Semiconductor ...
PC87382 NSC-PC87382 Datasheet
846Kb / 72P
   LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
PC87334VLJ NSC-PC87334VLJ Datasheet
971Kb / 102P
   SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
PC87310 NSC-PC87310 Datasheet
627Kb / 52P
   PC87310 (SuperI/OTM) Dual UART with Floppy Disk Controller and Parallel Port
PC87391 NSC-PC87391 Datasheet
1Mb / 148P
   100-Pin LPC SuperI/O Devices for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com