Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARM60 Datasheet(PDF) 62 Page - Zarlink Semiconductor Inc

Part # ARM60
Description  Low power, general purpose 32-bit RISC microprocessor
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ARM60 Datasheet(HTML) 62 Page - Zarlink Semiconductor Inc

Back Button ARM60 Datasheet HTML 58Page - Zarlink Semiconductor Inc ARM60 Datasheet HTML 59Page - Zarlink Semiconductor Inc ARM60 Datasheet HTML 60Page - Zarlink Semiconductor Inc ARM60 Datasheet HTML 61Page - Zarlink Semiconductor Inc ARM60 Datasheet HTML 62Page - Zarlink Semiconductor Inc ARM60 Datasheet HTML 63Page - Zarlink Semiconductor Inc ARM60 Datasheet HTML 64Page - Zarlink Semiconductor Inc ARM60 Datasheet HTML 65Page - Zarlink Semiconductor Inc ARM60 Datasheet HTML 66Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 120 page
background image
P60ARM-B
58
specify the operation the coprocessor is required to perform, CRn is the coprocessor register which is the
source or destination of the transferred information, and CRm is a second coprocessor register which may
be involved in some way which depends on the particular operation specified.
4.13.2 Transfers to R15
When a coprocessor register transfer to ARM60 has R15 as the destination, bits 31, 30, 29 and 28 of the
transferred word are copied into the N, Z, C and V flags respectively. The other bits of the transferred word
are ignored, and the PC and other CPSR bits are unaffected by the transfer.
4.13.3 Transfers from R15
A coprocessor register transfer from ARM60 with R15 as the source register will store the PC+12.
4.13.4 Instruction Cycle Times
MRC instructions take 1S + bI +1C incremental cycles to execute, where S, I and C are as defined in section
5.1 Cycle types on page 65.
MCR instructions take 1S + (b+1)I +1C incremental cycles to execute.
b
is the number of cycles spent in the coprocessor busy-wait loop.
4.13.5 Assembler syntax
<MCR|MRC>{cond} p#,<expression1>,Rd,cn,cm{,<expression2>}
MRC - move from coprocessor to ARM60 register (L=1)
MCR - move from ARM60 register to coprocessor (L=0)
{cond} - two character condition mnemonic, see Figure 6: Condition Codes
p# - the unique number of the required coprocessor
<expression1> - evaluated to a constant and placed in the CP Opc field
Rd is an expression evaluating to a valid ARM60 register number
cn and cm are expressions evaluating to the valid coprocessor register numbers CRn and CRm respectively
<expression2> - where present is evaluated to a constant and placed in the CP field
4.13.6 Examples
MRC
2,5,R3,c5,c6
; request coproc 2 to perform operation 5
;
on c5 and c6, and transfer the (single
;
32 bit word) result back to R3
MCR
6,0,R4,c6
; request coproc 6 to perform operation 0
;
on R4 and place the result in c6


Similar Part No. - ARM60

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
ARM6-4102 ALLIED-ARM6-4102 Datasheet
1Mb / 1P
   Made with UL Approved Materials
logo
Zarlink Semiconductor I...
ARM610 ZARLINK-ARM610 Datasheet
897Kb / 173P
   General purpose 32-bit microprocessor
logo
Pulse A Technitrol Comp...
ARM62311AM PULSE-ARM62311AM Datasheet
4Mb / 25P
   Vehicular Multiband Antenna with Adhesive Mount
ARM62311DM PULSE-ARM62311DM Datasheet
4Mb / 26P
   Vehicular Multiband Antenna with Direct Mount
ARM62311MM PULSE-ARM62311MM Datasheet
3Mb / 25P
   : Vehicular Multiband Antenna with Magnetic Mount
More results

Similar Description - ARM60

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
   32-Bit RISC Microprocessor
TMP19A43FD TOSHIBA-TMP19A43FD Datasheet
1Mb / 105P
   32-bit RISC Microprocessor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
   32-Bit RISC Microprocessor
TMPR3922AU TOSHIBA-TMPR3922AU Datasheet
253Kb / 45P
   32-bit RISC Microprocessor
TMP19A64C1DXBG TOSHIBA-TMP19A64C1DXBG Datasheet
6Mb / 460P
   32-bit RISC Microprocessor
TMP19A43CD TOSHIBA-TMP19A43CD Datasheet
12Mb / 523P
   32-bit RISC Microprocessor
logo
Samsung semiconductor
UM_S3C2501X SAMSUNG-UM_S3C2501X Datasheet
1Mb / 465P
   32-BIT RISC MICROPROCESSOR
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
   32-BIT RISC MICROPROCESSOR
logo
Toshiba Semiconductor
TMP19A71CYFG TOSHIBA-TMP19A71CYFG Datasheet
14Mb / 402P
   32-Bit RISC Microprocessor
TMP19A64F20AXBG TOSHIBA-TMP19A64F20AXBG Datasheet
2Mb / 64P
   32-bit RISC Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com