Electronic Components Datasheet Search |
|
RMPA1765 Datasheet(PDF) 7 Page - Fairchild Semiconductor |
|
RMPA1765 Datasheet(HTML) 7 Page - Fairchild Semiconductor |
7 / 8 page 7 www.fairchildsemi.com RMPA1765 Rev. D Application Information CAUTION: THIS IS AN ESD SENSITIVE DEVICE Precautions to Avoid Permanent Device Damage: • Cleanliness: Observe proper handling procedures to ensure clean devices and PCBs. Devices should remain in their original packaging until component placement to ensure no contamination or damage to RF, DC & ground contact areas. • Device Cleaning: Standard board cleaning techniques should not present device problems provided that the boards are properly dried to remove solvents or water residues. • Static Sensitivity: Follow ESD precautions to protect against ESD damage: –A properly grounded static-dissipative surface on which to place devices. – Static-dissipative floor or mat. –A properly grounded conductive wrist strap for each person to wear while handling devices. • General Handling: Handle the package on the top with a vacuum collet or along the edges with a sharp pair of bent tweezers. Avoiding damaging the RF, DC, & ground contacts on the package bottom. Do not apply excessive pressure to the top of the lid. • Device Storage: Devices are supplied in heat-sealed, moisture-barrier bags. In this condition, devices are protected and require no special storage conditions. Once the sealed bag has been opened, devices should be stored in a dry nitrogen environment. •Device Usage: Fairchild recommends the following proce- dures prior to assembly. – Dry-bake devices at 125°C for 24 hours minimum. Note: The shipping trays cannot withstand 125°C baking temperature. – Assemble the dry-baked devices within 7 days of removal from the oven. – During the 7-day period, the devices must be stored in an environment of less than 60% relative humidity and a maximum temperature of 30°C – If the 7-day period or the environmental conditions have been exceeded, then the dry-bake procedure must be repeated. Solder Materials & Temperature Profile: Reflow soldering is the preferred method of SMT attachment. Hand soldering is not recommended. • Reflow Profile – Ramp-up: During this stage the solvents are evaporated from the solder paste. Care should be taken to prevent rapid oxidation (or paste slump) and solder bursts caused by violent solvent out-gassing. A typical heating rate is 1- 2°C/sec. – Pre-heat/soak: The soak temperature stage serves two purposes; the flux is activated and the board and devices achieve a uniform temperature. The recommended soak condition is: 120-150 seconds at 150°C. – Reflow Zone: If the temperature is too high, then devices may be damaged by mechanical stress due to thermal mismatch or there may be problems due to excessive solder oxidation. Excessive time at temperature can enhance the formation of inter-metallic compounds at the lead/board interface and may lead to early mechanical failure of the joint. Reflow must occur prior to the flux being completely driven off. The duration of peak reflow temperature should not exceed 10 seconds. Maximum soldering temperatures should be in the range 215-220°C, with a maximum limit of 225°C. – Cooling Zone: Steep thermal gradients may give rise to excessive thermal shock. However, rapid cooling promotes a finer grain structure and a more crack-resistant solder joint. The illustration below indicates the recommended soldering profile. Solder Joint Characteristics: Proper operation of this device depends on a reliable void-free attachment of the heatsink to the PWB. The solder joint should be 95% void-free and be a consistent thickness. Rework Considerations: Rework of a device attached to a board is limited to reflow of the solder with a heat gun. The device should not be subjected to more than 225°C and reflow solder in the molten state for more than 5 seconds. No more than 2 rework operations should be performed. Recommended Solder Reflow Profile 0 20 40 60 80 100 120 140 DEG ( °C) TIME (SEC) 10 SEC 183 °C 1 °C/SEC 1 °C/SEC SOAK AT 150 °C FOR 60 SEC 45 SEC (MAX) ABOVE 183 °C 160 180 200 220 240 060 120 180 240 300 |
Similar Part No. - RMPA1765 |
|
Similar Description - RMPA1765 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |