Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RIC7113A4 Datasheet(PDF) 6 Page - International Rectifier

Part No. RIC7113A4
Description  RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo IRF - International Rectifier

RIC7113A4 Datasheet(HTML) 6 Page - International Rectifier

  RIC7113A4 Datasheet HTML 1Page - International Rectifier RIC7113A4 Datasheet HTML 2Page - International Rectifier RIC7113A4 Datasheet HTML 3Page - International Rectifier RIC7113A4 Datasheet HTML 4Page - International Rectifier RIC7113A4 Datasheet HTML 5Page - International Rectifier RIC7113A4 Datasheet HTML 6Page - International Rectifier RIC7113A4 Datasheet HTML 7Page - International Rectifier RIC7113A4 Datasheet HTML 8Page - International Rectifier RIC7113A4 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
www.irf.com
RIC7113A4
Figure 1. Input/Output Logic
Timing Diagram
Figure 2. Floating Supply Voltage Transient Test Circuit
Figure 3. Switching Time Test Circuit
Figure 4. Switching Time Waveform Definition
Figure 6. Delay Matching Waveform Definitions
Figure 5. Shutdown Waveform Definitions
HV = 10 to 400V
HV = 10 to 400V
HV = 10 to 400V
HV = 10 to 400V
HV = 10 to 400V
(0to400V)
(0to400V)
(0to400V)
(0to400V)
(0to400V)
IRF820A
RIC7113
RIC7113
HIN
LIN
tr
ton
tf
toff
HO
LO
50%
50%
90%
90%
10%
10%
SD
tsd
HO
LO
50%
90%
HIN
LIN
HO
50%
50%
10%
LO
90%
MT
HO
LO
MT


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RIC7113E4RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER 1 2 3 4 5 MoreInternational Rectifier
RIC7113L4RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER 1 2 3 4 5 MoreInternational Rectifier
LM5100High Voltage High Side and Low Side Gate Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
IR2113HIGH AND LOW SIDE DRIVER 1 2 3 4 5 MoreInternational Rectifier
IR2110E4HIGH AND LOW SIDE DRIVER 1 2 3 4 5 MoreInternational Rectifier
TP2150BDUAL HIGH SIDE AND LOW SIDE MOSFET DRIVER 1 2 3 4 5 MoreTripath Technology Inc.
IR21313 HIGH SIDE AND 3 LOW SIDE DRIVER 1 2 3 4 5 MoreInternational Rectifier
IR2110HIGH AND LOW SIDE DRIVER 1 2 3 4 5 MoreInternational Rectifier
MPIC2112HIGH AND LOW SIDE DRIVER 1 2 3 4 5 MoreMotorola, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn