Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL17SZ02XV5T2 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NL17SZ02XV5T2
Description  2-Input NOR Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SZ02XV5T2 Datasheet(HTML) 4 Page - ON Semiconductor

  NL17SZ02XV5T2 Datasheet HTML 1Page - ON Semiconductor NL17SZ02XV5T2 Datasheet HTML 2Page - ON Semiconductor NL17SZ02XV5T2 Datasheet HTML 3Page - ON Semiconductor NL17SZ02XV5T2 Datasheet HTML 4Page - ON Semiconductor NL17SZ02XV5T2 Datasheet HTML 5Page - ON Semiconductor NL17SZ02XV5T2 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NL17SZ02
http://onsemi.com
4
Figure 3. Switching Waveform
RL
CL
A 1−MHz square input wave is recommended for
propagation delay tests.
Figure 4. Test Circuit
tf = 3 ns
VCC
GND
VOH
VOL
90%
50%
10%
50%
tPLH
tPHL
OUTPUT Y
INPUT
A and B
tf = 3 ns
90%
50%
10%
50%
OUTPUT
INPUT
DEVICE ORDERING INFORMATION
Device Nomenclature
Device Order
Number
Logic
Circuit
Indicator
No. of
Gates per
Package
Temp
Range
Identifier
Technology
Device
Function
Package
Suffix
Tape and
Reel
Suffix
Package
Type
Tape and
Reel Size
NL17SZ02DFT2
NL
1
7
SZ
02
DF
T2
SOT−353/
SC70−5/
SC−88A
178 mm,
3000 Units
NL17SZ02DFT2G
NL
1
7
SZ
02
DF
T2
SOT−353/
SC70−5/
SC−88A
(Pb−Free)
178 mm,
3000 Units
NL17SZ02XV5T2
NL
1
7
SZ
02
XV5
T2
SOT−553*
178 mm
4000 Units
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*All Devices in Package SOT553 are Inherently Pb−Free.


Similar Part No. - NL17SZ02XV5T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ02XV5T2G ONSEMI-NL17SZ02XV5T2G Datasheet
122Kb / 7P
   2-Input NOR Gate
February, 2014 ??Rev. 8
NL17SZ02XV5T2G ONSEMI-NL17SZ02XV5T2G Datasheet
190Kb / 13P
   2-Input NOR Gate
November, 2018 ??Rev. 9
NL17SZ02XV5T2G ONSEMI-NL17SZ02XV5T2G Datasheet
161Kb / 13P
   2-Input NOR Gate
May, 2022 - Rev. 12
NL17SZ02XV5T2G-L22087 ONSEMI-NL17SZ02XV5T2G-L22087 Datasheet
161Kb / 13P
   2-Input NOR Gate
May, 2022 - Rev. 12
More results

Similar Description - NL17SZ02XV5T2

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SG02FE TOSHIBA-TC7SG02FE Datasheet
166Kb / 6P
   2 Input NOR Gate
logo
Renesas Technology Corp
HD74LV1G02A RENESAS-HD74LV1G02A_08 Datasheet
106Kb / 8P
   2-input NOR Gate
HD74ALVC1G02 RENESAS-HD74ALVC1G02 Datasheet
78Kb / 10P
   2-input NOR Gate
HD74UH02 RENESAS-HD74UH02 Datasheet
142Kb / 7P
   2-input NOR Gate
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02 Datasheet
96Kb / 5P
   2-INPUT NOR GATE
logo
Toshiba Semiconductor
TC7SET02F TOSHIBA-TC7SET02F Datasheet
165Kb / 5P
   2-INPUT NOR GATE
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02_15 Datasheet
151Kb / 5P
   2-INPUT NOR GATE
logo
Nexperia B.V. All right...
74AHC1G02-Q100 NEXPERIA-74AHC1G02-Q100 Datasheet
680Kb / 12P
   2-input NOR gate
XC7SH02 NEXPERIA-XC7SH02 Datasheet
202Kb / 11P
   2-input NOR gate
Rev. 2 - 12 January 2022
logo
Toshiba Semiconductor
TC7S02F TOSHIBA-TC7S02F Datasheet
212Kb / 5P
   2-INPUT NOR GATE
TC7SH02F TOSHIBA-TC7SH02F Datasheet
197Kb / 5P
   2-INPUT NOR GATE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com