Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU8721V Datasheet(PDF) 5 Page - New Japan Radio

Part # NJU8721V
Description  CLASS D HEADPHONE AMPLIFIER FOR DIGITAL AUDIO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU8721V Datasheet(HTML) 5 Page - New Japan Radio

  NJU8721V Datasheet HTML 1Page - New Japan Radio NJU8721V Datasheet HTML 2Page - New Japan Radio NJU8721V Datasheet HTML 3Page - New Japan Radio NJU8721V Datasheet HTML 4Page - New Japan Radio NJU8721V Datasheet HTML 5Page - New Japan Radio NJU8721V Datasheet HTML 6Page - New Japan Radio NJU8721V Datasheet HTML 7Page - New Japan Radio NJU8721V Datasheet HTML 8Page - New Japan Radio NJU8721V Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
NJU8721
-5 -
(7) Serial Audio Data Interface
(7-1) Input Data Format Selection
The digital audio interface format is selected out of I
2S, MSB Justified or LSB Justified, and 16 bits or 18
bits data length.
(7-2) Input Timing
Digital audio signal data into DIN terminal is fetched into the internal shift register by BCK signal rising
edge. The fetched data in the shift register are transferred by rising edge or falling edge of LRCK as
shown below:
Data Format
Rising Edge
Falling Edge
I
2S
Lch Input Register
Rch Input Register
MSB Justified
Rch Input Register
Lch Input Register
LSB Justified
Rch Input Register
Lch Input Register
BCK and LRCK must be synchronized with MCK.
Figure 3.1. 16 bits I
2S Data Format
Left Channel
Right Channel
LRCK
BCK
DIN
14
0
1
15
13
14
0
1
15
13
Right Channel
Left Channel
Figure 3.2. 16 bits MSB Justified Data Format
LRCK
BCK
DIN
13
0
1
14
0
1
14
15
13
15
15
Figure 3.3. 16 bits LSB Justified Data Format
Left Channel
Right Channel
14
0
1
2
3
0
15
14
0
1
2
3
15
LRCK
BCK
DIN


Similar Part No. - NJU8721V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NJU8725 ETC-NJU8725 Datasheet
167Kb / 13P
   CLASS D AMPLIFIER FOR DIGITAL AUDIO
More results

Similar Description - NJU8721V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NJU8725 ETC-NJU8725 Datasheet
167Kb / 13P
   CLASS D AMPLIFIER FOR DIGITAL AUDIO
logo
Rohm
BU7839GVW ROHM-BU7839GVW_10 Datasheet
392Kb / 16P
   Digital Input Class-D Headphone Amplifier
logo
Texas Instruments
TAS2505 TI1-TAS2505 Datasheet
1Mb / 34P
[Old version datasheet]   Digital Input Class-D Speaker Amplifier with Audio Processing and mono headphone amplifier
logo
Rohm
BU7839GVW ROHM-BU7839GVW Datasheet
691Kb / 16P
   Digital Input Hi-Fi Class-D Headphone Amplifier
logo
National Semiconductor ...
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
   Stereo Class D Audio Subsystem with OCL Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9879 MAXIM-MAX9879 Datasheet
535Kb / 31P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 2/09
MAX9879 MAXIM-MAX9879_V01 Datasheet
575Kb / 32P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
logo
Diodes Incorporated
PAM8019 DIODES-PAM8019 Datasheet
776Kb / 12P
   3W STEREO CLASS-D AUDIO AMPLIFIER AND CLASS AB HEADPHONE DRIVER
logo
Rohm
BA3578FS ROHM-BA3578FS Datasheet
227Kb / 11P
   Headphone driver for digital audio
logo
Anpec Electronics Corop...
APA2603A ANPEC-APA2603A Datasheet
607Kb / 28P
   2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com