Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB6L11 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NB6L11
Description  2.5V / 3.3V MULTILEVEL INPUT TO DIFFERENTIAL LVPECL/LVNECL 1:2 CLOCK OR DATA FANOUT BUFFER / TRANSLATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB6L11 Datasheet(HTML) 3 Page - ON Semiconductor

  NB6L11 Datasheet HTML 1Page - ON Semiconductor NB6L11 Datasheet HTML 2Page - ON Semiconductor NB6L11 Datasheet HTML 3Page - ON Semiconductor NB6L11 Datasheet HTML 4Page - ON Semiconductor NB6L11 Datasheet HTML 5Page - ON Semiconductor NB6L11 Datasheet HTML 6Page - ON Semiconductor NB6L11 Datasheet HTML 7Page - ON Semiconductor NB6L11 Datasheet HTML 8Page - ON Semiconductor NB6L11 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NB6L11
http://onsemi.com
3
Table 3. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
Positive Power Supply
VEE = 0 V
3.6
V
VEE
Negative Power Supply
VCC = 0 V
−3.6
V
VI
Positive Input Voltage
Negative Input Voltage
VEE = 0 V
VCC = 0 V
VI v VCC
VI w VEE
3.6
−3.6
V
V
VINPP
Differential Input Voltage
|D − D|
VCC − VEE w 2.8 V
VCC − VEE t 2.8 V
2.8
|VCC − VEE|
V
Iout
Output Current
Continuous
Surge
25
50
mA
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction−to−Ambient)
0 lfpm
500 lfpm
SOIC−8
SOIC−8
190
130
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
Standard Board
SOIC−8
41 to 44
°C/W
qJA
Thermal Resistance (Junction−to−Ambient)
0 lfpm
500 lfpm
TSSOP−8
TSSOP−8
185
140
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
Standard Board
TSSOP−8
41 to 44
°C/W
Tsol
Wave Solder
< 2 to 3 sec @ 248
°C
265
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not im-
plied, damage may occur and reliability may be affected.


Similar Part No. - NB6L11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6L11 ONSEMI-NB6L11 Datasheet
212Kb / 12P
   2.5 V/3.3 V Multilevel Input to Differential LVPECL/LVNECL 1:2 Clock or Data Fanout Buffer/Translator
November, 2006 ??Rev. 6
NB6L11D ONSEMI-NB6L11D Datasheet
212Kb / 12P
   2.5 V/3.3 V Multilevel Input to Differential LVPECL/LVNECL 1:2 Clock or Data Fanout Buffer/Translator
November, 2006 ??Rev. 6
NB6L11D ONSEMI-NB6L11D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
NB6L11DG ONSEMI-NB6L11DG Datasheet
212Kb / 12P
   2.5 V/3.3 V Multilevel Input to Differential LVPECL/LVNECL 1:2 Clock or Data Fanout Buffer/Translator
November, 2006 ??Rev. 6
NB6L11DR2 ONSEMI-NB6L11DR2 Datasheet
212Kb / 12P
   2.5 V/3.3 V Multilevel Input to Differential LVPECL/LVNECL 1:2 Clock or Data Fanout Buffer/Translator
November, 2006 ??Rev. 6
More results

Similar Description - NB6L11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6L16 ONSEMI-NB6L16_07 Datasheet
188Kb / 12P
   2.5V / 3.3V Multilevel Input to Differential LVPECL/LVNECL Clock or Data Receiver/ Driver/Translator Buffer
March, 2007 ??Rev. 6
NB6L16 ONSEMI-NB6L16 Datasheet
117Kb / 12P
   2.5V / 3.3V Multilevel Input to Differential LVPECL/LVNECL Clock or Data Receiver/Driver/Translator Buffer
September, 2004 ??Rev. 4
NB6L11 ONSEMI-NB6L11_06 Datasheet
212Kb / 12P
   2.5 V/3.3 V Multilevel Input to Differential LVPECL/LVNECL 1:2 Clock or Data Fanout Buffer/Translator
November, 2006 ??Rev. 6
NB7L585 ONSEMI-NB7L585 Datasheet
159Kb / 9P
   2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer / Translator
December, 2009 ??Rev. 1
NB7L585 ONSEMI-NB7L585_14 Datasheet
94Kb / 9P
   2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer Translator
July, 2014 ??Rev. 2
NB6L611 ONSEMI-NB6L611 Datasheet
146Kb / 9P
   2.5V / 3.3V 1:2 Differential LVPECL Clock / Data Fanout Buffer
December, 2006 ??Rev. 0
NB7L572 ONSEMI-NB7L572 Datasheet
161Kb / 9P
   2.5V / 3.3V Differential 4:1 Mux Input to 1:2 LVPECL Clock/Data Fanout / Translator
December, 2008 ??Rev. 1
NB7L572 ONSEMI-NB7L572_12 Datasheet
140Kb / 11P
   2.5V / 3.3V Differential 4:1 Mux Input to 1:2 LVPECL Clock/Data Fanout / Translator
June, 2012 ??Rev. 2
NB7LQ572 ONSEMI-NB7LQ572 Datasheet
294Kb / 12P
   2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 LVPECL Clock/Data Fanout / Translator
April, 2010 ??Rev. 0
NB6LQ572 ONSEMI-NB6LQ572 Datasheet
187Kb / 10P
   2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 LVPECL Clock/Data Fanout / Translator
April, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com