Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTD655 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MTD655
Description  5 Port 10M/100M Hub With 2 port Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MTD655 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MTD655 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTD655 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTD655 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTD655 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTD655 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTD655 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTD655 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTD655 Datasheet HTML 9Page - List of Unclassifed Manufacturers MTD655 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6/18
MTD655 Revision 2.0 17/03/2000
MTD655
MYSON
TECHNOLOGY
ICLK10
83
I/O 10M Inter-Bus port clock.
IDAT10
81
I/O 10M Inter-Bus port data bit
100M Inter-Bus Interface pins
Name
Pin Number
I/O
Descriptions
IACKB100
75
I/O 100M Inter-Bus port access acknowledge signal (low active). For master
hub, this pin is output; for slave hub is input, or while EXT_ARB
jumper was set to “1”, this pin is input from an external arbitration
device.
ICOLB100
76
I/O 100M Inter-Bus collision signal (low active). For master hub, this pin
can output multi hub collision event to inform all slave hub ; for slave
hub, this pin is an input, or while EXT_ARB jumper was set to “1”, this
pin is input from an external arbitration device.
IREQ100_IN0
79
I
100M Inter-Bus port access request input.
IREQ100_IN1
78
I
100M Inter-Bus port access request input.
IREQ100_IN2
77
I
100M Inter-Bus port access request input.
IREQ100_OUT
80
O
100M Inter-Bus port access request output.
ICLK100
73
I/O 100M Inter-Bus port clock.
IDAT100_0
71
I/O 100M Inter-Bus port data bit 0.
IDAT100_1
70
I/O 100M Inter-Bus port data bit 1.
IDAT100_2
69
I/O 100M Inter-Bus port data bit 2.
IDAT100_3
68
I/O 100M Inter-Bus port data bit 3.
LED Interface Pins
Name
Pin Number
I/O
Descriptions
LEDDAT
124
I/O
LED display serial data out; mapping for LEDCLK signal’s burst clock
, its serial out data sequence is : ( first bit be shifted out is from b00, and
end of burst bit is b23)
b00: ***********
b08: 10hub_col
b16: ************
b01: **********
b09: 100hub_col
b17: ************
b02: **********
b10: asram_test_fail
b18: ************
b03: port0 partition
b11: port0 partition
b19: port0 rx_activity
b04: port1 partition
b12: port1 partition
b20: port1 rx_activity
b05: port2 partition
b13: port2 partition
b21: port2 rx_activity
b06: port3 partition
b14: port3 partition
b22: port3 rx_activity
b07: port4 partition
b15: port4 partition
b23: port4 rx_activity
LEDCLK
125
I/O
LED display clock signal, the signal is a discontinued clock for LED
data serial shift out. Every clock burst have 24 cycles ( period : 160 ns),
and the clock burst will be repeated with every 42ms.
10M Inter-Bus Interface pins
Name
Pin Number
I/O
Descriptions


Similar Part No. - MTD655

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MTD6501C MICROCHIP-MTD6501C Datasheet
1Mb / 2P
   Highly Integrated 3-Phase BLDC Sinusoidal Sensorless
06/12
MTD6501C-H MICROCHIP-MTD6501C-H Datasheet
920Kb / 24P
   3-Phase Brushless DC Sinusoidal Sensorless Fan Motor Driver
2010-2012 11/29/11
MTD6501C-HC1 MICROCHIP-MTD6501C-HC1 Datasheet
920Kb / 24P
   3-Phase Brushless DC Sinusoidal Sensorless Fan Motor Driver
2010-2012 11/29/11
MTD6501C-L MICROCHIP-MTD6501C-L Datasheet
920Kb / 24P
   3-Phase Brushless DC Sinusoidal Sensorless Fan Motor Driver
2010-2012 11/29/11
MTD6501C-LC1 MICROCHIP-MTD6501C-LC1 Datasheet
920Kb / 24P
   3-Phase Brushless DC Sinusoidal Sensorless Fan Motor Driver
2010-2012 11/29/11
More results

Similar Description - MTD655

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTD658 ETC1-MTD658 Datasheet
192Kb / 17P
   8 Port 10M/100M Hub With 2 port Switch
MTD505 ETC1-MTD505 Datasheet
202Kb / 19P
   5 Port 10M/100M Ethernet Switch
MTD502E ETC2-MTD502E Datasheet
194Kb / 20P
   2 Port 10M/100M Switch With Build_in Memory
MTD508 ETC-MTD508 Datasheet
439Kb / 19P
   8-Port 10M/100M Ethernet Switch
Rev.1.3 December 2001
MTD516 ETC1-MTD516 Datasheet
265Kb / 27P
   16 Port 10M/100M Ethernet Switch
logo
Contec Co., Ltd
CPS-HBL-8005F CONTEC-CPS-HBL-8005F Datasheet
331Kb / 2P
   5 port 10/100M Unmanaged Industrial Switching HUB
logo
NXP Semiconductors
PDIUSBH12 PHILIPS-PDIUSBH12 Datasheet
170Kb / 28P
   USB 2-port hub
1999 Jul 22
logo
Zarlink Semiconductor I...
ZL50404 ZARLINK-ZL50404 Datasheet
1Mb / 121P
   Lightly Managed/Unmanaged 5-Port 10/100M Ethernet Switch
logo
SMSC Corporation
TMC2005 SMSC-TMC2005 Datasheet
153Kb / 32P
   5 Port HUB Controller Device
logo
List of Unclassifed Man...
TL-SF1008D ETC2-TL-SF1008D Datasheet
481Kb / 2P
   8-Port 10/100M Desktop Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com