Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JANTX1N5639 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # JANTX1N5639
Description  1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JANTX1N5639 Datasheet(HTML) 3 Page - Microsemi Corporation

  JANTX1N5639 Datasheet HTML 1Page - Microsemi Corporation JANTX1N5639 Datasheet HTML 2Page - Microsemi Corporation JANTX1N5639 Datasheet HTML 3Page - Microsemi Corporation JANTX1N5639 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1500 WATT UNIDIRECTIONAL
TRANSIENT VOLTAGE SUPPRESSOR
100
10
1.0
0.1Kw
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 3
Copyright
 2002
11-06-2003 REV A
SCOTTSD A L E DIVISION
1N5629 thru 1N5665A
Breakdown
Breakdown
Voltage
Voltage
V(BR) @ I(BR)
V
Min.
Max.
Min.
Max.
Breakdown
Current
Breakdown
Current
I(BR)
I
Rated
Standoff
Voltage
Rated
Standoff
Voltage
VWM
V
Maximum
Maximum
Standby
Current
Standby
Current
ID @ VWM
I
Maximum
Clamping
Voltage
Maximum
Clamping
Voltage
VC @ IPP
V
Maximum
Peak
Pulse
Current
Maximum
Peak
Pulse
Current
IPP
I
Maximum
Temperature
Maximum
Temperature
Coefficient of V(BR)
αV(BR)
Coefficient of V
(BR) @ I(BR)
(BR)
WM
D @ VWM
C @ I
PP
PP
(BR)
αV(BR)
JEDEC
Type
No.*
V
V
mA
V
µA
V
A
%/
oC
1N5661
1N5661A
1N5662
1N5662A
135
143
144
152
165
158
176
168
1
1
1
1
121
128
130
136
5
5
5
5
215
207
230
219
7.0
7.2
6.5
6.8
.108
.108
.108
.108
1N5663
1N5663A
1N5664
1N5664A
153
162
162
171
187
179
198
189
1
1
1
1
138
145
146
154
5
5
5
5
244
234
258
246
6.2
6.4
5.8
6.1
.108
.108
.108
.108
1N5665
1N5665A
180
190
220
210
1
1
162
171
5
5
287
274
5.2
5.5
.108
.108
* No suffix = 10% tolerance, suffix A = 5% tolerance. Suffix A also available in military qualified types with a JAN, JANTX, or JANTXV prefix.
NOTES: V(BR) is measured after I(BR) has been applied for < 300ms.
Forward voltage
VF at 100 amps peak 8.3 ms is 3.5 volts max.
SYMBOLS & DEFINITIONS
Symbol
Definition
VWM
Standoff Voltage: Applied Reverse Voltage to assure a nonconductive condition. (See Note 1.)
V(BR)
Breakdown Voltage: This is the Breakdown Voltage the device will exhibit at 25
oC
VC
Maximum Clamping Voltage: The maximum peak voltage appearing across the TVS when subjected to the
peak pulse current in a one millisecond time interval. The peak pulse voltage is the combination of voltage rise
due to both the series resistance and thermal rise and positive temperature coefficient (αV(BR))
IPP
Peak Pulse Current: The peak current during the impulse (See Figure 2)
PPP
Peak Pulse Power: The pulse power as determined by the product of VC and IPP
ID
Standby Current: The current at the standoff voltage (VWM)
I(BR)
Breakdown Current: The current used for measuring Breakdown Voltage (V(BR))
NOTE 1: A TVS is normally selected according to the rated “Standoff Voltage” VWM that should be equal to or greater than the dc or
continuous peak operating voltage level.
GRAPHS
100ns
1
µs
10
µs
100
µs
1ms
10ms
Square-wave pulse
Exponential wave-form
(See FIG. 2)
Peak Value
IPP
Pulse time duration (tp) is
defined as that point where
IP decays to 50% of peak
value (IPP).
time (t) in milliseconds
Pulse Time (tp)
FIG. 2 Pulse wave form for exponential surge
FIG. 1 – Non-repetive peak pulse power rating curve
NOTE: Peak power defined as peak voltage times peak current


Similar Part No. - JANTX1N5639

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANTX1N5610 MICROSEMI-JANTX1N5610 Datasheet
136Kb / 5P
   POWER ZENER RECTIFIER
JANTX1N5611 MICROSEMI-JANTX1N5611 Datasheet
136Kb / 5P
   POWER ZENER RECTIFIER
JANTX1N5612 MICROSEMI-JANTX1N5612 Datasheet
136Kb / 5P
   POWER ZENER RECTIFIER
JANTX1N5613 MICROSEMI-JANTX1N5613 Datasheet
136Kb / 5P
   POWER ZENER RECTIFIER
JANTX1N5614 MICROSEMI-JANTX1N5614 Datasheet
53Kb / 2P
   MILITARY RECTIFIERS
More results

Similar Description - JANTX1N5639

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
1N5555 DIGITRON-1N5555 Datasheet
127Kb / 2P
   1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
1N5555 MICROSEMI-1N5555 Datasheet
190Kb / 3P
   1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Fairchild Semiconductor
SMBJ12A822 FAIRCHILD-SMBJ12A822 Datasheet
67Kb / 2P
   600 Watt Unidirectional Transient Voltage Suppressor
SMBJ12A933 FAIRCHILD-SMBJ12A933 Datasheet
83Kb / 2P
   600 Watt Unidirectional Transient Voltage Suppressor
logo
Microsemi Corporation
JAN1N6042A MICROSEMI-JAN1N6042A Datasheet
202Kb / 4P
   1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
1N5908 MICROSEMI-1N5908 Datasheet
224Kb / 3P
   1500 WATT LOW VOLTAGE TRANSIENT VOLTAGE SUPPRESSOR
LC6.5 MICROSEMI-LC6.5_08 Datasheet
196Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
SMCJ170CA MICROSEMI-SMCJ170CA Datasheet
584Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
MLCE6.5 MICROSEMI-MLCE6.5 Datasheet
380Kb / 5P
   1500 Watt Low Capacitance Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
LC6.5 NJSEMI-LC6.5 Datasheet
175Kb / 3P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com