Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSB92ASWT1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MSB92ASWT1
Description  PNP Silicon General Purpose High Voltage Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MSB92ASWT1 Datasheet(HTML) 1 Page - ON Semiconductor

  MSB92ASWT1 Datasheet HTML 1Page - ON Semiconductor MSB92ASWT1 Datasheet HTML 2Page - ON Semiconductor MSB92ASWT1 Datasheet HTML 3Page - ON Semiconductor MSB92ASWT1 Datasheet HTML 4Page - ON Semiconductor MSB92ASWT1 Datasheet HTML 5Page - ON Semiconductor MSB92ASWT1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2003
May, 2003 - Rev. 0
1
Publication Order Number:
MSB92ASWT1/D
MSB92ASWT1
Preferred Device
PNP Silicon General
Purpose High Voltage
Transistor
This PNP Silicon Planar Transistor is designed for general purpose
amplifier applications. This device is housed in the SC-70/SOT-323
package which is designed for low power surface mount applications.
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Value
Unit
Collector-Base Voltage
V(BR)CBO
-300
Vdc
Collector-Emitter Voltage
V(BR)CEO
-300
Vdc
Emitter-Base Voltage
V(BR)EBO
-5.0
Vdc
Collector Current - Continuous
IC
500
mAdc
Electrostatic Discharge
ESD
MBM
u16,000,
MM
u2,000
V
THERMAL CHARACTERISTICS
Rating
Symbol
Max
Unit
Power Dissipation (Note 1.)
PD
150
mW
Junction Temperature
TJ
150
°C
Storage Temperature Range
Tstg
- 55 ~ + 150
°C
1. Device mounted on a FR-4 glass epoxy printed circuit board using the
minimum recommended footprint.
Preferred devices are recommended choices for future use
and best overall value.
Device
Package
Shipping
ORDERING INFORMATION
SC-70/SOT-323
CASE 419
STYLE 3
1
2
3
COLLECTOR
3
1
BASE
2
EMITTER
MARKING DIAGRAM
D3 M
D3 = Specific Device Code
M = Date Code
MSB92ASWT1
SC-70/
SOT-323
8mm Tape & Reel
(7-inch/3000 Unit)
http://onsemi.com


Similar Part No. - MSB92ASWT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MSB92ASWT1G ONSEMI-MSB92ASWT1G Datasheet
94Kb / 3P
   PNP Silicon General Purpose High Voltage Transistor
September, 2010 ??Rev. 3
MSB92ASWT1G ONSEMI-MSB92ASWT1G Datasheet
91Kb / 5P
   PNP Silicon General Purpose High Voltage Transistor
December, 2010 ??Rev. 5
MSB92ASWT1G ONSEMI-MSB92ASWT1G_10 Datasheet
91Kb / 5P
   PNP Silicon General Purpose High Voltage Transistor
December, 2010 ??Rev. 5
More results

Similar Description - MSB92ASWT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MSB92T1G ONSEMI-MSB92T1G_12 Datasheet
99Kb / 4P
   PNP Silicon General Purpose High Voltage Transistor
July, 2012 ??Rev. 1
MSB92WT1 ONSEMI-MSB92WT1 Datasheet
61Kb / 4P
   PNP Silicon General Purpose High Voltage Transistor
January, 2006 ??Rev. 6
MSB92T1G ONSEMI-MSB92T1G Datasheet
79Kb / 4P
   PNP Silicon General Purpose High Voltage Transistor
August, 2007 - Rev. 0
MSB92WT1G ONSEMI-MSB92WT1G Datasheet
123Kb / 4P
   PNP Silicon General Purpose High Voltage Transistor
October, 2010 -- Rev. 7
MSB92ASWT1G ONSEMI-MSB92ASWT1G Datasheet
94Kb / 3P
   PNP Silicon General Purpose High Voltage Transistor
September, 2010 ??Rev. 3
MSB92ASWT1G ONSEMI-MSB92ASWT1G_10 Datasheet
91Kb / 5P
   PNP Silicon General Purpose High Voltage Transistor
December, 2010 ??Rev. 5
logo
AiT Semiconductor Inc.
MMBTA92L AITSEMI-MMBTA92L Datasheet
569Kb / 6P
   GENERAL PURPOSE TRANSISTORS HIGH VOLTAGE TRANSISTOR PNP SILICON
REV1.1
logo
AUK corp
2N5401 AUK-2N5401 Datasheet
202Kb / 3P
   PNP Silicon Transistor (General purpose amplifier High voltage application)
logo
Weitron Technology
A733LT1 WEITRON-A733LT1 Datasheet
1Mb / 4P
   General Purpose Transistor PNP Silicon
logo
ON Semiconductor
MMBT2907AWT1 ONSEMI-MMBT2907AWT1 Datasheet
76Kb / 4P
   General Purpose Transistor(PNP Silicon)
April, 2004 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com