Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D5028UK Datasheet(PDF) 1 Page - Seme LAB

Part # D5028UK
Description  METAL GATE RF SILICON FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

D5028UK Datasheet(HTML) 1 Page - Seme LAB

  D5028UK Datasheet HTML 1Page - Seme LAB D5028UK Datasheet HTML 2Page - Seme LAB D5028UK Datasheet HTML 3Page - Seme LAB D5028UK Datasheet HTML 4Page - Seme LAB D5028UK Datasheet HTML 5Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DIM
Millimetres
Tol.
Inches
Tol.
A
19.05
0.50
0.75
0.020
B
10.77
0.13
0.424
0.005
C
45°
45°
D
9.78
0.13
0.385
0.005
E
5.71
0.13
0.225
0.005
F
27.94
0.13
1.100
0.005
G
1.52R
0.13
0.060R
0.005
H
10.16
0.13
0.400
0.005
I
22.22
MAX
0.875
MAX
J
0.13
0.02
0.005
0.001
K
2.72
0.13
0.107
0.005
M
1.70
0.13
0.067
0.005
N
5.08
0.50
0.200
0.020
O
34.03
0.13
1.340
0.005
P
1.61R
0.08
0.064R
0.003
D5028UK
Document Number 3140
Issue 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
PD
Power Dissipation
BVDSS
Drain – Source Breakdown Voltage*
BVGSS
Gate – Source Breakdown Voltage*
ID(sat)
Drain Current*
Tstg
Storage Temperature
Tj
Maximum Operating Junction Temperature
438W
125V
±20V
18A
–65 to 150°C
200°C
MECHANICAL DATA
M
K
J
I
O
N
A
C
(2 pls)
D
F
E
(4 pls)
B
G
(typ)
P
(2 pls)
1
5
4
3
2
H
GOLD METALLISED
MULTI-PURPOSE SILICON
DMOS RF FET
300W – 50V – 175MHz
PUSH–PULL
FEATURES
• SIMPLIFIED AMPLIFIER DESIGN
• SUITABLE FOR BROAD BAND APPLICATIONS
•LOW Crss
• SIMPLE BIAS CIRCUITS
• LOW NOISE
• HIGH GAIN – 13 dB MINIMUM
DR
PIN 1
SOURCE (COMMON)
PIN 2
DRAIN 1
PIN 3
DRAIN 2
PIN 4
GATE 2
PIN 5
GATE 1
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
APPLICATIONS
• VHF/UHF COMMUNICATIONS
from 1 MHz to 200 MHz
METAL GATE RF SILICON FET
TetraFET
* Per Side


Similar Part No. - D5028UK

ManufacturerPart #DatasheetDescription
logo
C&K Components
D502 CK-COMPONENTS-D502 Datasheet
482Kb / 5P
   Miniature Snap-in Power Rocker Switches
15 May 20
logo
Highly Electric Co., Lt...
D5020 HIGHLY-D5020 Datasheet
1Mb / 4P
   D COMPACT ENCLOSED SWITCH
logo
JILIN SINO-MICROELECTRO...
D5023 JSMC-D5023 Datasheet
148Kb / 6P
   CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD5023 FOR LOW FREQUENCY
D5024 JSMC-D5024 Datasheet
433Kb / 5P
   CASE-RATED BIPOLAR TRANSISTOR 3DD5308DHF FOR LOW FREQUENCY AMPLIFICATION
D5027 JSMC-D5027 Datasheet
460Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results

Similar Description - D5028UK

ManufacturerPart #DatasheetDescription
logo
Seme LAB
D1082UK SEME-LAB-D1082UK Datasheet
20Kb / 2P
   METAL GATE RF SILICON FET
D1211UK SEME-LAB-D1211UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
D1212UK SEME-LAB-D1212UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
D2002UK SEME-LAB-D2002UK Datasheet
15Kb / 2P
   METAL GATE RF SILICON FET
D2003UK SEME-LAB-D2003UK Datasheet
60Kb / 4P
   METAL GATE RF SILICON FET
D2089UK SEME-LAB-D2089UK Datasheet
23Kb / 2P
   METAL GATE RF SILICON FET
D2220UK SEME-LAB-D2220UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
D2230UK SEME-LAB-D2230UK Datasheet
17Kb / 2P
   METAL GATE RF SILICON FET
D2282UK SEME-LAB-D2282UK Datasheet
18Kb / 2P
   METAL GATE RF SILICON FET
D1004UK SEME-LAB-D1004UK Datasheet
35Kb / 4P
   METAL GATE RF SILICON FET
D1011UK SEME-LAB-D1011UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com