Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEDM-5XXX Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # AEDM-5XXX
Description  Quick Assembly High Resolution Three Channel Optical Encoders
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AEDM-5XXX Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

  AEDM-5XXX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AEDM-5XXX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AEDM-5XXX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AEDM-5XXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AEDM-5XXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AEDM-5XXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AEDM-5XXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AEDM-5XXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AEDM-5XXX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2015-2016 Avago Technologies. All rights reserved.
AV02-4926EN - January 18, 2016
DISCLAIMER: Avago’s products and software are not specifically designed, manufactured or authorized for sale
as parts, components or assemblies for the planning, construction, maintenance or direct operation of a nucle-
ar facility or for use in medical devices or applications. Customer is solely responsible, and waives all rights to
make claims against Avago or its suppliers, for all loss, damage, expense or liability in connection with such use.
Ordering Information
Encoders with Film Code wheels
A
E
D
X
-
5
X
1
X
-
X
Y
Y
Code Wheel
Mounting Type
Resolution
Shaft Diameter
M
8
(CPR)
01
2mm
L
9
B
1000
02
3mm
J
1024
03
1/8 in.
Through Hole
L
1250
04
5/32 in.
0
T
2000
05
3/16 in.
5
U
2048
06
1/4 in.
W
2500
11
4mm
N
4000
12
6mm
R
4096
13
8mm
Z
5000
14
5mm
Mylar CW
Standard
Line Driver
External Ear Mounting
None
8.9mm (0.35 inch)


Similar Part No. - AEDM-5XXX

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AED EMERSON-NETWORKPOWER-AED Datasheet
235Kb / 2P
   Industry standard package 16th Brick 0.90??x 1.30
logo
XP Power Limited
AED XPPOWER-AED Datasheet
111Kb / 4P
   Single Outputs from 5 V to 48 V
logo
Ohmite Mfg. Co.
AED1000RE OHMITE-AED1000RE Datasheet
43Kb / 1P
   Epoxy Molded Precision Wirewound Axial Terminals
logo
XP Power Limited
AED100US12 XPPOWER-AED100US12 Datasheet
170Kb / 2P
   AC-DC Power Supplies
AED100US15 XPPOWER-AED100US15 Datasheet
170Kb / 2P
   AC-DC Power Supplies
More results

Similar Description - AEDM-5XXX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AEDL-5XXX AVAGO-AEDL-5XXX Datasheet
321Kb / 8P
   Quick Assembly High Resolution Three Channel Optical Encoders with Differential Output
HEDS-5500A06 AVAGO-HEDS-5500A06 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-5500-B14 AVAGO-HEDM-5500-B14 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5500-A14 AVAGO-HEDS-5500-A14 Datasheet
316Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5645I13 AVAGO-HEDS-5645I13 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
logo
Agilent(Hewlett-Packard...
HEDS5540 HP-HEDS5540 Datasheet
263Kb / 15P
   Quick Assembly Two and Three Channel Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDM-550X AVAGO-HEDM-550X Datasheet
232Kb / 14P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-55XX AVAGO-HEDM-55XX Datasheet
1Mb / 12P
   Quick Assembly Two and Three Channel Optical Encoders
HEDR-5XXX AVAGO-HEDR-5XXX Datasheet
313Kb / 6P
   Three Channel Quick Assembly Encoders
AEDC-55XX AVAGO-AEDC-55XX Datasheet
430Kb / 9P
   High Resolution Two or Three Channel Quick Assembly Encoders With Connector Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com