Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZEDC-10-2B Datasheet(PDF) 1 Page - Mini-Circuits

Part No. ZEDC-10-2B
Description  Directional Coupler
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MINI [Mini-Circuits]
Homepage  http://www.minicircuits.com
Logo 

ZEDC-10-2B Datasheet(HTML) 1 Page - Mini-Circuits

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 1
Typical Performance Data
Directional Coupler Electrical Specifications
Maximum Ratings
Coaxial Connections
INPUT
1
OUTPUT
2
COUPLED
3
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Outline Drawing
Outline Dimensions (
)
inch
mm
ZEDC-10-2B
MAINLINE LOSS
1.0
1.2
1.4
1.6
1.8
2.0
0
200
400
600
800
1000
FREQUENCY (MHz)
at RF level of -10 dBm
ZEDC-10-2B
COUPLING & DIRECTIVITY
0
20
40
60
80
100
0
200
400
600
800
1000
FREQUENCY (MHz)
COUPLING
DIRECTIVITY
at RF level of -10 dBm
ZEDC-10-2B
ZEDC-10-2B
RETURN LOSS
10
20
30
40
50
60
70
80
90
0
200
400
600
800
1000
FREQUENCY (MHz)
IN
OUT
CPL
at RF level of -10 dBm
50Ω
1 to 1000 MHz
Directional Coupler
REV. B
M151107
ZEDC-10-2B
WZ/TD/CP/AM
151007
Coaxial
A
B
C
D
E
FG
.83
.83
.75
.37
.42
1.25
.10
21.08
21.08
19.05
9.40
10.67
31.75
2.54
HJ
K
L
M
N
wt
1.050
.10
.640
.21
.106
.06 grams
26.67
2.54
16.26
5.33
2.69
1.52
22.0
CASE STYLE: V37
Connectors Model
SMA
ZEDC-10-2B
Frequency
(MHz)
Mainline Loss
(dB)
In-Out
Coupling
(dB)
In-Cpl
Directivity
(dB)
In
Return Loss
(dB)
Out
Cpl
Features
• wideband, 1 to 1000 MHz
• excellent directivity, 30 dB typ.
• rugged shielded case
Applications
• VHF/UHF
• instrumentation
• communication receivers & transmitters
• cellular
1.00
1.44
11.03
80.15
69.12
20.04
15.32
5.00
1.09
10.64
74.80
64.16
29.77
18.35
9.00
1.07
10.62
70.11
59.49
33.22
18.65
96.00
1.16
10.69
49.83
39.14
31.36
18.19
248.00
1.16
10.76
41.15
30.39
28.72
18.19
420.00
1.17
10.84
36.04
25.20
26.31
18.12
520.00
1.18
10.92
33.89
22.97
25.24
18.03
640.00
1.20
11.01
31.72
20.71
24.23
17.96
840.00
1.25
11.21
28.83
17.62
23.14
17.96
1000.00
1.27
11.32
26.81
15.49
22.76
18.15
Electrical Schematic
Permanent damage may occur if any of these limits are exceeded.
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U= upper range [f
U/2 to fU]
1. Mainline loss includes theoretical power loss at coupled port.
FREQ.
RANGE
(MHz)
COUPLING
(dB)
MAINLINE LOSS1
(dB)
DIRECTIVITY
(dB)
VSWR
(:1)
POWER
INPUT
(W)
L
M
U
L
M
U
L
MU
f
L-fU
Nom.
Flatness
Typ. Max. Typ. Max. Typ. Max. Typ. Min. Typ. Min. Typ. Min.
Typ.
Max.
Max.
1-1000
11±0.5
±0.75
1.3
1.8
1.5
1.8
1.5
1.8
35
30
30
20
18
13
1.3
1.5
3.0


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn