Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC1700 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC1700
Description  HD TV / SD TV 6 TH ORDER VIDEO FILTER FOR COMPONENT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC1700 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC1700 Datasheet HTML 1Page - Micrel Semiconductor MIC1700 Datasheet HTML 2Page - Micrel Semiconductor MIC1700 Datasheet HTML 3Page - Micrel Semiconductor MIC1700 Datasheet HTML 4Page - Micrel Semiconductor MIC1700 Datasheet HTML 5Page - Micrel Semiconductor MIC1700 Datasheet HTML 6Page - Micrel Semiconductor MIC1700 Datasheet HTML 7Page - Micrel Semiconductor MIC1700 Datasheet HTML 8Page - Micrel Semiconductor MIC1700 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MIC1700
Micrel
MIC1700
4
October 2003
Absolute Maximum Ratings (Note 1)
Maximum Input Voltage ................................................ VCC
Supply Voltage ................................................................ 6V
Lead Temperature (soldering, 5 sec) ........................ 260°C
ESD Rating, ............................................................. Note 3
Operating Ratings (Note 2)
Analog Input Voltage Range .............................. 0V to 1.1V
Digital Input Voltage Range ................................... 0 to VCC
Supply Voltage (VCC) ...............................................5V±5%
Ambient Temperature Range ....................... –0°C to +70°C
Package Thermal Resistance
SOIC (θJA), Note 4, 6 .......................................... 35°C/W
Electrical Characteristics (Note 5)
VCC = 4.75V to 5.25V, TA = 25°C. Values in bold apply over entire operating temperature range. TA from 0°C to +70°C. Values apply to all channels unless noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
PD
Power Dissipation
No load
725
900
mW
VO
Linear Output Range
RL = 150Ω, AC-Coupled
2.0
2.2
V
ZIN
Input Impedance, Note 7
VIN = 0V to 1V
1
MΩ
IIN
Input Bias Current, Note 7
VIN = 0V to 1V
40
µA
Crosstalk, Note 7
channel-to-channel, f = 3MHz, NTSC Mode
–70
dB
Crosstalk, Note 7
channel-to-channel, f = 20MHz, HDTV Mode
–64
dB
Crosstalk, Note 7
between MUX inputs, f = 3MHz
–60
dB
PSSR
Power Supply Rejection Ratio
at 400kHz
40
dB
Filter Specifications, HD Operating Mode
f–3dB
–3dB Bandwidth
VAC = 0.5Vp-p, VDC = 0.5V
33
36
MHz
30
f–1dB
–1dB Bandwidth
VAC = 0.5Vpk-pk, VDC = 0.5V
30
MHz
A74MHz
74MHz Attenuation
VAC = 0.5Vpk-pk, VDC = 0.5V
25
30
dB
Av
Low Frequency Gain
VAC = 0.5Vpk-pk, VDC = 0.5V at 400kHz
5.5
6
6.3
dB
Av
Gain Matching
VAC = 0.5Vpk-pk, VDC = 0.5V
1
%
channel-to-channel
PK
Peaking, Note 7
1dB
TD
Baseband Delay
f = 100kHz
65
ns
TGD
Group Delay distortion
f = 3.6MHz
5
ns
f = 6.0MHz
20
ns
SNR
Signal to Noise, Note 7
Note 2
77
dB
DG
Differential Gain, Note 7
40IRE modulated ramp
2
%
DP
Differential Phase, Note 7
@ both 3.58MHz and 4.43MHz
2
°
Filter Specifications, NTSC/PAL Operating Mode
f–1dB
–1dB Bandwidth
VAC = 0.5Vpk-pk, VDC = 0.5V
7.9
MHz
f–3dB
–3dB Bandwidth
VAC = 0.5Vpk-pk, VDC = 0.5V
7.6
8.7
MHz
A27MHz
27MHz Attenuation
VAC = 0.5Vpk-pk, VDC = 0.5V
36
44
dB
Av
Low Frequency Gain
VAC = 0.5Vpk-pk, VDC = 0.5V at 400kHz
5.5
6
6.3
dB
Av
Gain Matching
channel-to-channel
1
%
GD
Group Delay, Note 7
f = 3.6MHz
70
ns
SNR
Signal to Noise, Note 7
Note 8
68
dB
Digital I/O
VIH
Input High
HSTL and MUX pin
2.0
V
VIL
Input Low
HSTL and MUX pin
0.5
V


Similar Part No. - MIC1700

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC1700 MICREL-MIC1700 Datasheet
138Kb / 10P
   HDTV/SDTV 6th Order Video Filter for Component Video plus Composite Video
MIC1700BWME MICREL-MIC1700BWME Datasheet
138Kb / 10P
   HDTV/SDTV 6th Order Video Filter for Component Video plus Composite Video
MIC1700 MICREL-MIC1700_11 Datasheet
138Kb / 10P
   HDTV/SDTV 6th Order Video Filter for Component Video plus Composite Video
More results

Similar Description - MIC1700

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6346 FAIRCHILD-FMS6346_06 Datasheet
267Kb / 11P
   Six Channel, 6th Order SD/HD Video Filter Driver
FMS6346 FAIRCHILD-FMS6346 Datasheet
92Kb / 10P
   Six Channel, 6th Order SD/HD Video Filter Driver
logo
ON Semiconductor
FMS6346 ONSEMI-FMS6346 Datasheet
1Mb / 12P
   Six Channel, 6th-Order SD/HD Video Filter Driver
October 2009 Rev. 1.0.5
logo
Fairchild Semiconductor
FMS6346 FAIRCHILD-FMS6346_08 Datasheet
886Kb / 10P
   Six Channel, 6th-Order SD/HD Video Filter Driver
FMS6690 FAIRCHILD-FMS6690 Datasheet
96Kb / 10P
   Six Channel, 6th Order SD/PS/HD Video Filter Driver
FMS6690 FAIRCHILD-FMS6690_06 Datasheet
317Kb / 12P
   Six Channel, 6th Order SD/PS/HD Video Filter Driver
logo
ON Semiconductor
FMS6690 ONSEMI-FMS6690 Datasheet
573Kb / 15P
   Six Channel, 6th Order, SD/PS/HD Video Filter Driver
August 2009 Rev. 1.0.3
logo
Analog Devices
ADA4420-6 AD-ADA4420-6 Datasheet
280Kb / 12P
   Low Cost 6-Channel HD/SD Video Filter
REV. 0
logo
Shenzhen Huazhimei Semi...
FMS6363 HMSEMI-FMS6363 Datasheet
916Kb / 8P
   Three-channel 6-order HD video filter driver IC
logo
STMicroelectronics
STV6440 STMICROELECTRONICS-STV6440 Datasheet
101Kb / 4P
   Audio/video buffer and 6-channel SD/PS/HD video filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com