Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MIC1700 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part No. MIC1700
Description  HD TV / SD TV 6 TH ORDER VIDEO FILTER FOR COMPONENT
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC1700 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC1700 Datasheet HTML 1Page - Micrel Semiconductor MIC1700 Datasheet HTML 2Page - Micrel Semiconductor MIC1700 Datasheet HTML 3Page - Micrel Semiconductor MIC1700 Datasheet HTML 4Page - Micrel Semiconductor MIC1700 Datasheet HTML 5Page - Micrel Semiconductor MIC1700 Datasheet HTML 6Page - Micrel Semiconductor MIC1700 Datasheet HTML 7Page - Micrel Semiconductor MIC1700 Datasheet HTML 8Page - Micrel Semiconductor MIC1700 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MIC1700
Micrel
MIC1700
2
October 2003
Pin Configuration
MUX
GND
17
12
GND
VCC
18
11
NC
NC
15
14
NC
NC
16
13
1
HSEL
Y1A
Y1B
PR1
PR2
GND
PB1
PB2
YIN
CIN
28 VCC
VCC
Y1OUT
PROUT
PBOUT
GND
YOUT
COUT
CVOUT
GND
27
26
25
24
23
22
21
20
19
2
3
4
5
6
7
8
9
10
28-Pin Wide Body SOIC (WM)
Pin Description
Pin Number
Pin Name
Pin Function
1
HSEL
Digital (Input): selects for the HD or SD filtering. A high selects HD filters.
2
Y1A
Y (Input): component channel 1, selected when the MUX is high. 0V to 1V
range.
3
Y1B
Y (Input): component channel 2, selected when the MUX is low. 0V to 1V
range.
4
PR1
PR (Input): component channel 1, selected when the MUX is high. 0V to 1V
range.
5
PR2
PR (Input): component channel 2, selected when the MUX is low. 0V to 1V
range.
6, 11, 17, 19, 23
GND
Ground.
7
PB1
PB (Input): component channel 1, selected when the MUX is high. 0V to 1V
range.
8
PB2
PB (Input): component channel 2, selected when the MUX is low. 0V to 1V
range.
9
YIN
Legacy (S-video): luminance input, 0V to 1V.
10
CIN
Legacy (S-video): chroma input, 0V to 1V.
12
MUX
Digital MUX control to select input 1 or 2 of the component channel. A high
selects input 1.
13, 14, 15, 16
NC
No connect. Do not connect these pins.
18, 27, 28
VCC
Positive side of the 5V power supply.
20
CVOUT
Legacy composite video output, typically 1V to 3V.
21
COUT
Legacy chroma output, typically 1V to 3V.
22
YOUT
Legacy luminance video output, typically 1V to 3V.
24
PBOUT
PB color component output, either SD or HD, typically 1V to 3V.
25
PROUT
PR color component output, either SD or HD, typically 1V to 3V.
26
Y1OUT
Luminance component output, either SD or HD, typically 1V to 3V.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn