Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3345E Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3345E
Description  -5kV ESD-Protected USB Transceivers in UCSP with USB Detect
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3345E Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3345E Datasheet HTML 1Page - Maxim Integrated Products MAX3345E Datasheet HTML 2Page - Maxim Integrated Products MAX3345E Datasheet HTML 3Page - Maxim Integrated Products MAX3345E Datasheet HTML 4Page - Maxim Integrated Products MAX3345E Datasheet HTML 5Page - Maxim Integrated Products MAX3345E Datasheet HTML 6Page - Maxim Integrated Products MAX3345E Datasheet HTML 7Page - Maxim Integrated Products MAX3345E Datasheet HTML 8Page - Maxim Integrated Products MAX3345E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
±15kV ESD-Protected USB Transceivers
in UCSP with USB Detect
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 4V to 5.5V bypassed with 1µF to GND, GND = 0, VL = 1.65V to 3.6V, ENUM = VL, TA = TMIN to TMAX, unless otherwise
noted. Typical values are at VCC = 5V, VL = 2.5V, TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Leakage Current
SUSP, MODE, ENUM,
OE, VMO, VPO = 0 or
VL
±1
µA
USB-SIDE I/O
Output-Voltage Low
VOL
RL = 1.5kΩ from D+ or D- to 3.6V
0.3
V
Output-Voltage High
VOH
RL = 15kΩ from D+ and D- to GND
2.8
3.6
V
Input Impedance
ZIN
Three-state driver, ENUM = 0, VD_ = 0 or
+3.6V
1M
Single-Ended Input-Voltage High
VIH
2.0
V
Single-Ended Input-Voltage Low
VIL
0.8
V
Receiver Single-Ended
Hysteresis
VHYS
200
mV
Differential Input Sensitivity
VDIFF
200
mV
Input Common-Mode Voltage
Range
VCM
0.8
2.5
V
Driver Output Impedance
ROUT
4.6
16.0
Internal Pullup Resistor
RPU
1.410
1.500
1.540
k
VUSBLH1
MAX3344E
4.0
VUSBHL1
MAX3344E
3.6
VUSBLH2
MAX3345E
2.8
USB_DET Threshold
VUSBHL2
MAX3345E
1
V
USB_DET Hysteresis
VUSBHYS
MAX3344E
25
mV
LINEAR REGULATOR
External Capacitor
COUT
Compensation of linear regulator
1
µF
ESD PROTECTION (VCC, D+, D-)
Human Body Model
±15
kV
IEC1000-4-2 Air-Gap Discharge
±10
kV
IEC1000-4-2 Contact Discharge
±8
kV
TIMING CHARACTERISTICS
(VCC = 4V to 5.5V, GND = 0, VL = 1.65V to 3.6V, ENUM = VL, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
VCC = 5V, VL = 2.5V, TA = +25°C.) (Figures 2–6) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TRANSMITTER
OE to Transmit Delay Enable Time
tPZD
Figures 2 and 6c
20
ns
OE to Driver Three-State Delay
Driver Disable Time
tPDZ
Figures 2 and 6c
20
ns
tPLH1(drv)
MODE = high, Figures 4 and 6b
10
18
VPO/VMO to D+/D- Propagation
Delay
tPHL1(drv)
MODE = high, Figures 4 and 6b
10
18
ns
tPLH0(drv)
MODE = low, Figures 3 and 6c
11
20
VPO/VMO D+/D- Propagation
Delay
tPHL0(drv)
MODE = low, Figures 3 and 6c
11
20
ns


Similar Part No. - MAX3345E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX334 MAXIM-MAX334 Datasheet
126Kb / 4P
   High Speed Quad SPST Analog Switch
MAX3341E MAXIM-MAX3341E Datasheet
341Kb / 15P
   ±15kV ESD-Protected USB Level Translator in UCSP with USB Detect
Rev 0; 4/02
MAX3341EEBE MAXIM-MAX3341EEBE Datasheet
341Kb / 15P
   ±15kV ESD-Protected USB Level Translator in UCSP with USB Detect
Rev 0; 4/02
MAX3341EEUD MAXIM-MAX3341EEUD Datasheet
341Kb / 15P
   ±15kV ESD-Protected USB Level Translator in UCSP with USB Detect
Rev 0; 4/02
MAX3346E MAXIM-MAX3346E Datasheet
389Kb / 17P
   ±15kV ESD-Protected USB Transceiver in UCSP
Rev 0; 2/04
More results

Similar Description - MAX3345E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3341E MAXIM-MAX3341E Datasheet
341Kb / 15P
   ±15kV ESD-Protected USB Level Translator in UCSP with USB Detect
Rev 0; 4/02
MAX3346E MAXIM-MAX3346E Datasheet
389Kb / 17P
   ±15kV ESD-Protected USB Transceiver in UCSP
Rev 0; 2/04
MAX3450E MAXIM-MAX3450E Datasheet
379Kb / 16P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 11/03
MAX3453E MAXIM-MAX3453E Datasheet
366Kb / 19P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 10/03
MAX3453E MAXIM-MAX3453E_06 Datasheet
325Kb / 19P
   ±15kV ESD-Protected USB Transceivers
Rev 4; 2/06
MAX3450E MAXIM-MAX3450E_08 Datasheet
210Kb / 14P
   ±15kV ESD-Protected USB Transceivers
Rev 2; 10/08
MAX13481E MAXIM-MAX13481E Datasheet
289Kb / 19P
   ±15kV ESD-Protected USB Transceivers with External/Internal Pullup Resistors
Rev 2; 1/06
MAX3355E MAXIM-MAX3355E Datasheet
276Kb / 11P
   /-15kV ESD-Protected USB On-the-Go Charge Pump and Comparators in UCSP
Rev 1; 8/03
MAX3230E MAXIM-MAX3230E Datasheet
797Kb / 15P
   15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 0; 5/04
MAX3228E MAXIM-MAX3228E Datasheet
251Kb / 15P
   짹15kV ESD-Protected @.5V to %.5V RS-232 Transceivers in UCSP
19-2139; Rev 0; 8/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com