Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SBR05M60BLP Datasheet(PDF) 3 Page - Diodes Incorporated

Part No. SBR05M60BLP
Description  0.5A SBR BRIDGE SUPER BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo 

SBR05M60BLP Datasheet(HTML) 3 Page - Diodes Incorporated

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SBR05M60BLP
Document number: DS31771 Rev. 3 - 2
3 of 5
www.diodes.com
March 2016
© Diodes Incorporated
SBR05M60BLP
SBR is a registered trademark of Diodes Incorporated.
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
25
50
75
100
125
150
175
T , AMBIENT TEMPERATURE (癈 )
A
Fig. 4 Forward Current Derating Curve
0
25
50
75
100
125
175
0
6
12 18
24 30 36
42
48 54
60
V , DC REVERSE VOLTAGE (V)
Fig. 5 Operating Temperature Derating
R
66
150
0
10
20
30
40
50
60
Fig. 3 Typical Reverse Characteristics
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
1
10
100
10,000
I
,
I
N
S
T
A
N
T
A
N
E
O
U
S
R
E
V
E
R
S
E
C
U
R
R
E
N
T
(
µ
A
)
R
1,000
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
(
oC)


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn