Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SBR05M60BLP Datasheet(PDF) 2 Page - Diodes Incorporated

Part No. SBR05M60BLP
Description  0.5A SBR BRIDGE SUPER BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo 

SBR05M60BLP Datasheet(HTML) 2 Page - Diodes Incorporated

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SBR05M60BLP
Document number: DS31771 Rev. 3 - 2
2 of 5
www.diodes.com
March 2016
© Diodes Incorporated
SBR05M60BLP
SBR is a registered trademark of Diodes Incorporated.
Maximum Ratings (@ TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VRM
60
V
Average Rectified Output Current
IO
500
mA
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load (Per Diode)
IFSM
8
A
Thermal Characteristics
Characteristic
Symbol
Typ
Max
Unit
Thermal Resistance Junction to Ambient Air (Note 5)
RJA
215
-
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@ TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Forward Voltage (Per Diode)
VF
-
-
0.43
0.40
0.42
0.49
0.46
V
IF = 0.25A, TJ = +25ºC
IF = 0.5A, TJ = +25ºC
IF = 0.5A, TJ = +125ºC
Reverse Current (Note 6) (Per Diode)
IR
-
17
2.8
100
20
µA
mA
VR = 60V, TJ = +25ºC
VR = 60V, TJ = +125ºC
Notes:
5. Polymide PCB, 2 oz. copper; minimum recommended pad layout per http://www.diodes.com/package-outlines.html.
6. Short duration pulse test used to minimize self-heating effect.
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
0.5
1
1.5
I
, AVERAGE FORWARD CURRENT (A)
Fig. 1 Forward Power Dissipation
F(AV)
0.001
0.01
0.1
1
0
100
200
300
400
500
600
I
,
I
N
S
T
A
N
T
A
N
E
O
U
S
F
O
R
W
A
R
D
C
U
R
R
E
N
T
(
A
)
F
Fig. 2 Typical Forward Characteristics
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
T = 25°C
A
T = 125°C
A
T = 85°C
A
T = 150°C
A


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn